Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC1205 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSC1205
Description  32-Bit Duplex Controller/Driver with Digital Dimming Function
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSC1205 Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
¡ Semiconductor
MSC1205
1/15
¡ Semiconductor
MSC1205
32-Bit Duplex Controller/Driver with Digital Dimming Function
GENERAL DESCRIPTION
The MSC1205 is a Bi-CMOS display driver for a 1/2-duty vacuum fluorescent display tube. It
consists of a 64-bit shift register, latch circuits, a digital diming circuit, and drivers.
The MSC1205 provides an interface with a microcomputer only by three signal lines: LOAD,
DATA, and CLOCK.
FEATURES
• Power Supply Voltage:
8 to 18V (built-in 5V regulator for logic)
• Built-in 1-terminal RC oscillation circuit (with external capacitor)
• Built-in digital dimming circuit
10-bit resolution
Programmable in the duty range of 0/2048 (0%) to 1015.5/2048 (49.6%).
• Can directly drive 32 ¥ 2 display anodes.
• Built-in power-on reset circuit
• Package options:
42-pin plastic DIP (DIP42-P-600-2.54)
(Product name: MSC1205-RS)
44-pin plastic QFP (QFP44-P-910-0.80-2K) (Product name: MSC1205GS-2K)
E2C0018-27-Y3
This version: Nov. 1997
Previous version: Jul. 1996


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn