Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1201 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSC1201
Description  60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1201 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSC1201 Datasheet HTML 5Page - OKI electronic componets MSC1201 Datasheet HTML 6Page - OKI electronic componets MSC1201 Datasheet HTML 7Page - OKI electronic componets MSC1201 Datasheet HTML 8Page - OKI electronic componets MSC1201 Datasheet HTML 9Page - OKI electronic componets MSC1201 Datasheet HTML 10Page - OKI electronic componets MSC1201 Datasheet HTML 11Page - OKI electronic componets MSC1201 Datasheet HTML 12Page - OKI electronic componets MSC1201 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
¡ Semiconductor
MSC1201-xx
9/20
TIMING DIAGRAM
Fig. 1 Data Input Timing
Fig. 2 Data Output Timing
CLOCK
DATA
0.8V
3.8V
0.8V
3.8V
tCW
tCW
tPD
tPD
CLOCK
DATA
CS
tCSW
tCSL
tCSS
fC
tCSH
tCW
tCW
tDS
tDS
tDH
tDH
0.8V
VALID
VALID
3.8V
0.8V
3.8V
0.8V
3.8V


Similar Part No. - MSC1201

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1201 BURR-BROWN-MSC1201 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1201 TI1-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1201 TI-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1201 TI1-MSC1201 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
logo
Burr-Brown (TI)
MSC1201Y2 BURR-BROWN-MSC1201Y2 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1209 OKI-MSC1209 Datasheet
172Kb / 16P
   42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
   63-Bit Triplex Controller/Driver with Digital Dimming Function
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
   23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
   111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com