Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP191NQ06LT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHP191NQ06LT
Description  Logic level N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP191NQ06LT Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP191NQ06LT Datasheet HTML 1Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 2Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 3Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 4Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 5Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 6Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 7Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 8Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
PHP/PHB191NQ06LT
N-channel TrenchMOS™ logic level FET
Product data
Rev. 01 — 05 May 2004
3 of 13
9397 750 13168
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature.
Tmb =25 °C; IDM is single pulse; VGS =10V
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa16
0
40
80
120
0
50
100
150
200
Tmb (
°C)
Pder
(%)
03aq99
0
40
80
120
0
50
100
150
200
Tmb (°C)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03ar01
1
10
102
103
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
Limit RDSon = VDS / ID
1 ms
tp = 10 µs
100 µs


Similar Part No. - PHP191NQ06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP191NQ06LT NXP-PHP191NQ06LT Datasheet
217Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-14 January 2010
logo
Nexperia B.V. All right...
PHP191NQ06LT NEXPERIA-PHP191NQ06LT Datasheet
330Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 14 January 2010
More results

Similar Description - PHP191NQ06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH1955L PHILIPS-PH1955L Datasheet
77Kb / 12P
   Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 01-15 August 2005
PSMN005-75P PHILIPS-PSMN005-75P Datasheet
271Kb / 13P
   N-channel logic level field-effect power transistor in a plastic package using TrenchMOS technology.
Rev. 01-26 April 2002
logo
ZP Semiconductor
PMV30UN ZPSEMI-PMV30UN Datasheet
200Kb / 3P
   N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS??technology.
logo
NXP Semiconductors
2N7002F215 NXP-2N7002F215 Datasheet
100Kb / 12P
   N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 03-28 April 2006
BUK7520-55A PHILIPS-BUK7520-55A Datasheet
318Kb / 15P
   N-channel enhancement mode field-effect power transistor in a plastic package using TrenchMOS technology, featuring very low on-state resistance.
Rev. 01-18 January 2001
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com