Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP191NQ06LT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHP191NQ06LT
Description  Logic level N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP191NQ06LT Datasheet(HTML) 5 Page - NXP Semiconductors

  PHP191NQ06LT Datasheet HTML 1Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 2Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 3Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 4Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 5Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 6Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 7Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 8Page - NXP Semiconductors PHP191NQ06LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
PHP/PHB191NQ06LT
N-channel TrenchMOS™ logic level FET
Product data
Rev. 01 — 05 May 2004
5 of 13
9397 750 13168
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 µA; VGS =0V
Tj =25 °C
55
--V
Tj = −55 °C
50
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9 and 10
Tj =25 °C
1
1.5
2
V
Tj = 175 °C
0.5
-
-
V
Tj = −55 °C
-
-
2.2
V
IDSS
drain-source leakage current
VDS =55V; VGS =0V
Tj =25 °C
--1
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±15 V; VDS = 0 V
-
2
100
nA
RDSon
drain-source on-state resistance
VGS = 10 V; ID =25A; Figure 7 and 8
Tj =25 °C
-
3.1
3.7
m
Tj = 175 °C
-
-
7.4
m
VGS =5V; ID =25A; Figure 7 and 8
-
3.5
4.2
m
VGS = 4.5 V; ID =25A; Figure 8
-
-
4.4
m
Dynamic characteristics
Qg(tot)
total gate charge
ID =25A; VDD =44V; VGS =5V; Figure 13
-
95.6
-
nC
Qgs
gate-source charge
-
17.2
-
nC
Qgd
gate-drain (Miller) charge
-
37.6
-
nC
Ciss
input capacitance
VGS =0V; VDS = 25 V; f = 1 MHz;
Figure 11
-7665
-pF
Coss
output capacitance
-
1045
-
pF
Crss
reverse transfer capacitance
-
465
-
pF
td(on)
turn-on delay time
VDD =30V; RL = 1.2 Ω;
VGS =5V; RG =10 Ω
-63
-
ns
tr
rise time
-
232
-
ns
td(off)
turn-off delay time
-
273
-
ns
tf
fall time
-
178
-
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 25 A; VGS =0V; Figure 12
-
0.79
1.2
V
trr
reverse recovery time
IS = 20 A; dIS/dt = −100 A/µs; VGS =0V
-
78
-
ns
Qr
recovered charge
-
171
-
nC


Similar Part No. - PHP191NQ06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP191NQ06LT NXP-PHP191NQ06LT Datasheet
217Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-14 January 2010
logo
Nexperia B.V. All right...
PHP191NQ06LT NEXPERIA-PHP191NQ06LT Datasheet
330Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 14 January 2010
More results

Similar Description - PHP191NQ06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH1955L PHILIPS-PH1955L Datasheet
77Kb / 12P
   Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 01-15 August 2005
PSMN005-75P PHILIPS-PSMN005-75P Datasheet
271Kb / 13P
   N-channel logic level field-effect power transistor in a plastic package using TrenchMOS technology.
Rev. 01-26 April 2002
logo
ZP Semiconductor
PMV30UN ZPSEMI-PMV30UN Datasheet
200Kb / 3P
   N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS??technology.
logo
NXP Semiconductors
2N7002F215 NXP-2N7002F215 Datasheet
100Kb / 12P
   N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 03-28 April 2006
BUK7520-55A PHILIPS-BUK7520-55A Datasheet
318Kb / 15P
   N-channel enhancement mode field-effect power transistor in a plastic package using TrenchMOS technology, featuring very low on-state resistance.
Rev. 01-18 January 2001
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com