Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1451A Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # MC1451A
Description  Advanced Brushless Motor Control Chipset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC1451A Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button MC1451A Datasheet HTML 62Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 63Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 64Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 65Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 66Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 67Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 68Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 69Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 70Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
66
16-bit Parallel DAC Interface
The Interface between the MC1231A chip set and one or more 16 bit
DACs is shown in the following figure.
Comments on Schematic
The 16 Data bits and 2 address bits from the CP chip are latched in the
two 74FCT841 latches when the CP writes to address F hex, in the
address bits A0:A3. Three 74C373 latches could also be used. If this is
a write to the DAC, DACSLCT will be asserted during this CP bus cycle.
The assertion of DACSLCT will be latched by the fed-back and-or gate
and the next clock will set the DACWR flop. The second clock will set
the second shift flop which will clear the DACL latch. Since this latch
has been cleared the third clock will clear DACWR providing a two
clock DACWR level. The fourth clock will clear the second shift flop
returning the system to its original state waiting for the next DACSLCT.
The DACWR assertion will enable the decoder causing the DAC
selected by the address bits stored in the transparent latch. The timing
described will produce a two clock write pulse to the DACs. This will be
about 320 nSec using I/OClk.


Similar Part No. - MC1451A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1451A-E ETC1-MC1451A-E Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
More results

Similar Description - MC1451A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
M.S. Kennedy Corporatio...
MSK4413 MSK-MSK4413_15 Datasheet
179Kb / 6P
   28V/160A Brushless DC motor control capability.
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
   BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com