Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1451A Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # MC1451A
Description  Advanced Brushless Motor Control Chipset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC1451A Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button MC1451A Datasheet HTML 37Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 38Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 39Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 40Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 41Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 42Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 43Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 44Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
41
Command Mnemonic
Code
( hex)
Available
on
Axis acted on
Double
Buffered
# data words
/direction
Description
Interrupt Processing
SET_INTRPT_MASK
2f
all axes
current axis
no
1/write
Set interrupt mask
GET_INTRPT
30
all axes
interrupting axis
-
1/read
Get status of interrupting axis
RST_INTRPT
32
all axes
interrupting axis
no
1/write
Reset interrupting events
GET_INTRPT_MASK
56
all axes
current axis
-
1/read
Get interrupt mask
Status/Mode
CLR_STATUS
33
all axes
current axis
no
0
Reset status of current axis
RST_STATUS
34
all axes
current axis
no
1/write
Reset events for current axis
GET_STATUS
31
all axes
current axis
-
1/read
Get axis status word
GET_MODE
48
all axes
current axis
-
1/read
Get axis mode word
Encoder
SET_CAPT_INDEX
64
all axes
current axis
no
0
Set index signal as position capture trigger
SET_CAPT_HOME
65
all axes
current axis
no
0
Set home signal as position capture trigger
GET_CAPT
36
all axes
current axis
-
2/read
Get current axis position capture location
Motor
SET_OUTPUT_PWM
3c
all axes
global
no
0
Set motor output mode to PWM
SET_OUTPUT_DAC16
3b
all axes
global
no
0
Set motor output mode to 16-bit DAC
MTR_ON
43
all axes
current axis
no
0
Enable motor output
MTR_OFF
42
all axes
current axis
no
0
Disable motor output
SET_MTR_CMD
62
all axes
current axis
no
1/write
Write direct value to motor output
GET_MTR_CMD
3a
all axes
current axis
-
1/read
Read motor output command
SET_BUF_MTR_CMD
77
all axes
current axis
yes
1/write
Write double buffered motor command output
GET_OUTPUT_MODE
6e
all axes
global
-
1/read
Get current output mode
GET_BUF_MTR_CMD
69
all axes
current axis
-
1/read
Get double buffered motor command value
Miscellaneous
AXIS_ON
41
all axes
current axis
no
0
Enable axis
AXIS_OFF
40
all axes
current axis
no
0
Disable axis
SET_ACTL_POS
4d
all axes
current axis
no
2/write
Set current actual axis location
GET_ACTL_POS
37
all axes
current axis
-
2/read
Get current actual axis location
SET_LMT_SENSE
66
all axes
global
no
1/write
Set limit switch bit sense
GET_LMT_SWTCH
67
all axes
global
-
1/read
Get state of limit switches
LMTS_ON
70
all axes
global
no
0
Set limit switch sensing on
LMTS_OFF
71
all axes
global
no
0
Set limit switch sensing off
GET_HOME
05
all axes
global
-
1/read
Get state of home switches
SET_SMPL_TIME
38
all axes
global
no
1/write
Set servo loop sample time
GET_SMPL_TIME
61
all axes
global
-
1/read
Get servo loop sample time
RESET
39
all axes
global
no
0
Reset chipset
GET_VRSN
6c
all axes
global
-
1/read
Get chipset software version information
GET_TIME
3e
all axes
global
-
2/read
Get current chip set time (# servo loops)
Commutation
SET_PHASE_3
73
all axes
current axis
no
0
Set waveform to 3-phase
SET_PHASE_2
74
all axes
current axis
no
0
Set waveform to 2-phase
SET_PHASE_HALL
78
all axes
current axis
no
0
Set phase initialization to Hall-based
SET_PHASE_ALGOR
79
all axes
current axis
no
0
Set phase initialization to algorithmic
SET_PHASE_ENC
5f
all axes
current axis
no
0
Set commutation mode to encoder-based
SET_PHASE_MICRO
63
all axes
current axis
no
0
Set commutation mode to microstepping
PRESCALE_ON
0d
all axes
current axis
no
0
Set encoder prescale on
PRESCALE_OFF
0e
all axes
current axis
no
0
Set encoder prescale off
SET_PHASE_CNTS
75
all axes
current axis
no
1/write
Set # of encdr counts per commutation cycle
SET_PHASE_TIME
72
all axes
current axis
no
1/write
Set amount of time to wait after phase init.
SET_PHASE_OFFSET
76
all axes
current axis
no
1/write
Set phase offset value
SET_KPHASE
1f
all axes
current axis
no
1/write
Set velocity phase advance gain
SET_HALL_SENSE
23
all axes
global
no
1/write
Set Hall-sensor logic level interpretation
SET_PHASE
84
all axes
current axis
no
1/write
Set current commutation phase angle
INIT_PHASE
7a
all axes
current axis
no
0
Perform phase initialization procedure
GET_PHASE_INFO
7f
all axes
current axis
-
1/read
Get commutation flags set by host
GET_PHASE_CNTS
7d
all axes
current xais
-
1/read
Get # of encdr counts per commutation cycle
GET_PHASE_TIME
7c
all axes
current axis
-
1/read
Get amount of time to wait after phase init
GET_PHASE_OFFSET
7b
all axes
current axis
-
1/read
Get phase offset value
GET_KPHASE
20
all axes
current axis
-
1/read
Get velocity phase advance gain
GET_HALL_SENSE
24
all axes
global
-
1/read
Get Hall-sensor logic level interpretation
GET_HALLS
7e
all axes
global
-
1/read
Get state of Hall sensors
GET_PHASE
2c
all axes
current axis
-
1/read
Get current commutation phase angle


Similar Part No. - MC1451A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1451A-E ETC1-MC1451A-E Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
More results

Similar Description - MC1451A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
M.S. Kennedy Corporatio...
MSK4413 MSK-MSK4413_15 Datasheet
179Kb / 6P
   28V/160A Brushless DC motor control capability.
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
   BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com