Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN2211LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMUN2211LT1G
Description  Bias Resistor Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2211LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMUN2211LT1G Datasheet HTML 1Page - Leshan Radio Company LMUN2211LT1G Datasheet HTML 2Page - Leshan Radio Company LMUN2211LT1G Datasheet HTML 3Page - Leshan Radio Company LMUN2211LT1G Datasheet HTML 4Page - Leshan Radio Company LMUN2211LT1G Datasheet HTML 5Page - Leshan Radio Company LMUN2211LT1G Datasheet HTML 6Page - Leshan Radio Company LMUN2211LT1G Datasheet HTML 7Page - Leshan Radio Company LMUN2211LT1G Datasheet HTML 8Page - Leshan Radio Company LMUN2211LT1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
UN2211LT1 Series
PIN 1
BASE
(INPUT)
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
R
1
R
2
1
3
2
SOT–23 (TO–236AB)
LMUN2211LT1G
SERIES
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the SOT-23
package which is designed for low power surface mount applications.
Simplifies Circuit Design
Reduces Board Space and Component Count
The SOT-23 package can be soldered using wave or reflow. The
modified gull-winged leads absorb thermal stress during soldering
eliminating the possibility of damage to the die.
Available in 8 mm embossed tape and reel. Use the Device
Number to order the 7 inch/3000 unit reel. Replace “T1” with
“T3” in the Device Number to order the13 inch/10,000 unit reel.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation @ TA = 25°C
(Note 1.) Derate above 25
°C
PD
*246
1.5
mW
°C/W
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1(K)
R2(K)
LMUN2211LT1G
A8A
10
10
LMUN2212LT1G
A8B
22
22
LMUN2213LT1G
A8C
47
47
LMUN2214LT1G
A8D
10
47
LMUN2215LT1G
A8E
10
LMUN2216LT1G
A8F
4.7
LMUN2230LT1G
A8G
1.0
1.0
LMUN2231LT1G
A8H
2.2
2.2
A8J
4.7
4.7
LMUN2233LT1G
A8K
4.7
47
LMUN2234LT1G
A8L
22
47
LMUN2235LT1G
A8M
2.2
47
LMUN2238LT1G
A8R
2.2
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
Device
Package
Shipping
ORDERING INFORMATION
LMUN2211LT1G
SOT–23
3000/Tape & Reel
LMUN2212LT1G
SOT–23
3000/Tape & Reel
LMUN2213LT1G
SOT–23
3000/Tape & Reel
LMUN2214LT1G
SOT–23
3000/Tape & Reel
LMUN2215LT1G
SOT–23
3000/Tape & Reel
LMUN2216LT1G
SOT–23
3000/Tape & Reel
LMUN2230LT1G
SOT–23
3000/Tape & Reel
LMUN2231LT1G
SOT–23
3000/Tape & Reel
LMUN2232LT1G
SOT–23
3000/Tape & Reel
LMUN2233LT1G
SOT–23
3000/Tape & Reel
LMUN2234LT1G
SOT–23
3000/Tape & Reel
LMUN2235LT1G
SOT–23
3000/Tape & Reel
LMUN2238LT1G
SOT–23
3000/Tape & Reel
LMUN2241LT1G
SOT–23
3000/Tape & Reel
LMUN2232LT1G
LESHAN RADIO COMPANY, LTD.
1/16
Ordering Information
Device
Package
Shipping
LMUN22XXLT1G
SOT23
3000/Tape&Reel
10000/Tape&Reel
LMUN22XXLT3G
SOT23
We declare that the material of product
compliance with RoHS requirements.
LMUN2241LT1G
A8U
100
LMUN2240LT1G
A8T
47
LMUN2241LT1G
SOT–23
3000/Tape & Reel


Similar Part No. - LMUN2211LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2211LT1G LRC-LMUN2211LT1G Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
Shanghai Leiditech Elec...
LMUN2211LT1G LEIDITECH-LMUN2211LT1G Datasheet
1Mb / 16P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2211LT1G LRC-LMUN2211LT1G_15 Datasheet
540Kb / 7P
   Bias Resistor Transistors
More results

Similar Description - LMUN2211LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com