Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8632 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX8632
Description  Integrated DDR Power-Supply Solution for Desktops,Notebooks, and Graphic Cards
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8632 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX8632 Datasheet HTML 21Page - Maxim Integrated Products MAX8632 Datasheet HTML 22Page - Maxim Integrated Products MAX8632 Datasheet HTML 23Page - Maxim Integrated Products MAX8632 Datasheet HTML 24Page - Maxim Integrated Products MAX8632 Datasheet HTML 25Page - Maxim Integrated Products MAX8632 Datasheet HTML 26Page - Maxim Integrated Products MAX8632 Datasheet HTML 27Page - Maxim Integrated Products MAX8632 Datasheet HTML 28Page - Maxim Integrated Products MAX8632 Datasheet HTML 29Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Integrated DDR Power-Supply Solution for
Desktops, Notebooks, and Graphic Cards
______________________________________________________________________________________
27
Chip Information
TRANSISTOR COUNT: 5100
PROCESS: BiCMOS
MAX8632
REF
ILIM
GND
PGND1
DL
VTTR
VDD
FB
DH
LX
BST
VIN
AVDD
VTTI
VTT
POK1
VIN (4.5V TO 28V)
1.8V - 2.5V / 12A
VTT
0.9V - 1.25V / 1.5A
5V
BIAS
SUPPLY
POK1
VTTR
0.9V - 1.25V / 10mA
PGND2
REFIN
VTTS
OUT
TP0
POK2
POK2
SS
TON
OVP/UVP
Q1
Q2
L1
C2
C4
C6
R3
R4
R6
R5
R7
R2
C9
C10
ON
OFF
C11
C7
C5
R1
D1
C3
SKIP
SHDN
STBY
C8
R8
C1
Typical Operating Circuit


Similar Part No. - MAX8632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8632 MAXIM-MAX8632 Datasheet
893Kb / 9P
   Evaluation Kit
Rev 0; 10/05
MAX8632EVKIT MAXIM-MAX8632EVKIT Datasheet
893Kb / 9P
   Evaluation Kit
Rev 0; 10/05
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
   Evaluation Kit
Rev 0; 10/05
More results

Similar Description - MAX8632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550_13 Datasheet
493Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 3; 4/13
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550-MAX8551 MAXIM-MAX8550-MAX8551 Datasheet
454Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 2; 9/04
MAX8550A MAXIM-MAX8550A Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
   Complete DDR Power Solution
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
Artesyn Technologies
ATC210 ARTESYN-ATC210 Datasheet
487Kb / 16P
   Integrated Power Conversion and Power Management Solution
logo
NXP Semiconductors
HTSMOH5601EV118 NXP-HTSMOH5601EV118 Datasheet
1Mb / 51P
   Integrated Circuit for Contactless Identification Transponders and Cards
2006 July 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com