Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX6173 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX6173
Description  High-Precision Voltage References with Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6173 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
High-Precision Voltage References with
Temperature Sensor
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX6177 (VOUT = 3.3V)
(VIN = +10V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6177A (0.06%)
3.2980
3.3
3.3020
Output Voltage
VOUT
No load, TA = +25
°C
MAX6177B (0.1%)
3.2967
3.3
3.3033
V
Output Adjustment Range
∆VTRIM
RPOT = 10k
Ω±3
±6%
MAX6177AASA
1.5
3
Output-Voltage
Temperature Coefficient
(Note 2)
TCVOUT
TA = -40
°C to +125°C
MAX6177BASA
3
10
ppm/
°C
TA = +25
°C
0.6
5
Line Regulation (Note 3)
∆VOUT /
∆VIN
5.3V
≤ VIN ≤ 40V
TA = -40
°C to +125°C
0.8
10
ppm/V
TA = +25
°C2
10
Sourcing:
0
≤ IOUT ≤ 10mA
TA = -40
°C to +125°C2
15
TA = +25
°C
50
500
Load Regulation (Note 3)
∆VOUT /
∆IOUT
Sinking:
-0.6mA
≤ IOUT ≤ 0
TA = -40
°C to +125°C
90
900
ppm/
mA
OUT shorted to GND
60
Output Short-Circuit Current
ISC
OUT shorted to IN
3
mA
Temperature Hysteresis
(Note 4)
∆VOUT/
cycle
120
ppm
Long-Term Stability
∆VOUT/
time
1000 hours at TA = +25
°C
50
ppm
DYNAMIC
f = 0.1Hz to 10Hz
5
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
9.3
µVRMS
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50pF
180
µs
INPUT
Supply Voltage Range
VIN
Guaranteed by line regulation test
5.3
40.0
V
TA = +25
°C
320
500
Quiescent Supply Current
IIN
No load
TA = -40
°C to +125°C
650
µA
TEMP OUTPUT
TEMP Output Voltage
VTEMP
630
mV
TEMP Temperature
Coefficient
TCTEMP
2.1
mV/
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn