Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX6173 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX6173
Description  High-Precision Voltage References with Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6173 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
High-Precision Voltage References with
Temperature Sensor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +42V
OUT, TRIM, TEMP to GND...........................-0.3V to (VIN + 0.3V)
Output Short Circuit to GND .....................................................5s
Continuous Power Dissipation (TA = +70
°C)
8-Pin SO (derate 5.9mW/
°C above +70°C) ..................471mW
Operating Temperature Range ........................-40
°C to +125°C
Junction Temperature .....................................................+150
°C
Storage Temperature Range ............................-65
°C to +150°C
Lead Temperature (soldering, 10s) ................................+300
°C
ELECTRICAL CHARACTERISTICS—MAX6173 (VOUT = 2.5V)
(VIN = +5V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6173A (0.06%)
2.4985
2.5
2.5015
Output Voltage
VOUT
No load, TA = +25
°C
MAX6173B (0.1%)
2.4975
2.5
2.5025
V
Output Adjustment Range
∆VTRIM
RPOT = 10k
Ω±3
±6%
MAX6173AASA
1.5
3
Output-Voltage
Temperature Coefficient
(Note 2)
TCVOUT
TA = -40
°C to +125°C
MAX6173BASA
3
10
ppm/
°C
TA = +25
°C
0.6
5
Line Regulation (Note 3)
∆VOUT / ∆VIN 4.5V ≤ VIN ≤ 40V
TA = -40
°C to +125°C
0.8
10
ppm/V
TA = +25
°C2
10
Sourcing:
0
≤ IOUT ≤ 10mA
TA = -40
°C to +125°C2
15
TA = +25
°C
50
500
Load Regulation (Note 3)
∆VOUT /
∆IOUT
Sinking:
-0.6mA
≤ IOUT ≤ 0
TA = -40
°C to +125°C
90
900
ppm/mA
OUT shorted to GND
60
Output Short-Circuit
Current
ISC
OUT shorted to IN
3
mA
Temperature Hysteresis
(Note 4)
∆VOUT/
cycle
120
ppm
Long-Term Stability
∆VOUT/
time
1000 hours at TA = +25
°C
50
ppm
DYNAMIC
f = 0.1Hz to 10Hz
3.8
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
6.8
µVRMS
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50pF
150
µs
INPUT
Supply Voltage Range
VIN
Guaranteed by line regulation test
4.5
40.0
V
TA = +25
°C
300
450
Quiescent Supply Current
IIN
No load
TA = -40
°C to +125°C
600
µA
TEMP OUTPUT
TEMP Output Voltage
VTEMP
570
mV
TEMP Temperature
Coefficient
TCTEMP
1.9
mV/
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn