Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFF9210 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFF9210
Description  HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFF9210 Datasheet(HTML) 1 Page - International Rectifier

  IRFF9210 Datasheet HTML 1Page - International Rectifier IRFF9210 Datasheet HTML 2Page - International Rectifier IRFF9210 Datasheet HTML 3Page - International Rectifier IRFF9210 Datasheet HTML 4Page - International Rectifier IRFF9210 Datasheet HTML 5Page - International Rectifier IRFF9210 Datasheet HTML 6Page - International Rectifier IRFF9210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-1.5
ID @ VGS = -10V, TC = 100°C Continuous Drain Current
-0.97
IDM
Pulsed Drain Current ➀
-6.0
PD @ TC = 25°C
Max. Power Dissipation
1 5
W
Linear Derating Factor
0.12
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
72
mJ
IAR
Avalanche Current ➀
—A
EAR
Repetitive Avalanche Energy ➀
—mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
0.98(typical)
g
PD - 90382
The HEXFET
technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance.
The HEXFET transistors also feature all of the well
established advantages of MOSFETs such as volt-
age control, very fast switching, ease of parelleling
and temperature stability of the electrical parameters.
They are well suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high energy pulse circuits.
o C
A
01/23/01
www.irf.com
1
TO-39
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFF9210
-200V
3.0
-1.5A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page
REPETITIVE AVALANCHE AND dv/dt RATED
HEXFET
TRANSISTORS
THRU-HOLE (TO-205AF)
IRFF9210
200V, P-CHANNEL


Similar Part No. - IRFF9210

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFF9210 SEME-LAB-IRFF9210 Datasheet
16Kb / 1P
   P-Channel MOSFET in a Hermetically sealed TO39
logo
International Rectifier
IRFF9210 IRF-IRFF9210 Datasheet
134Kb / 7P
   Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFF9210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANS2N6851 IRF-JANS2N6851 Datasheet
135Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF9110 IRF-IRFF9110 Datasheet
143Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
JANTX2N6847 IRF-JANTX2N6847 Datasheet
130Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF430 IRF-IRFF430 Datasheet
133Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF120 IRF-IRFF120 Datasheet
131Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRLF120 IRF-IRLF120 Datasheet
548Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-39)
IRFF9220 IRF-IRFF9220 Datasheet
130Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFF310 IRF-IRFF310 Datasheet
129Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFF210 IRF-IRFF210 Datasheet
130Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
JANTX2N6798 IRF-JANTX2N6798 Datasheet
134Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com