Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW20N60T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKW20N60T
Description  IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW20N60T Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKW20N60T Datasheet HTML 1Page - Infineon Technologies AG IKW20N60T Datasheet HTML 2Page - Infineon Technologies AG IKW20N60T Datasheet HTML 3Page - Infineon Technologies AG IKW20N60T Datasheet HTML 4Page - Infineon Technologies AG IKW20N60T Datasheet HTML 5Page - Infineon Technologies AG IKW20N60T Datasheet HTML 6Page - Infineon Technologies AG IKW20N60T Datasheet HTML 7Page - Infineon Technologies AG IKW20N60T Datasheet HTML 8Page - Infineon Technologies AG IKW20N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IKP20N60T, IKB20N60T
TrenchStop Series
IKW20N60T
Power Semiconductors
4
Rev. 2.2 Dec-04
Switching Characteristic, Inductive Load, at Tj=175
°C
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
18
-
Rise time
tr
-
18
-
Turn-off delay time
td(off)
-
223
-
Fall time
tf
-
76
-
ns
Turn-on energy
Eon
-
0.51
-
Turn-off energy
Eoff
-
0.64
-
Total switching energy
Ets
Tj=175
°C,
VCC=400V,IC=20A,
VGE=0/15V,
RG= 12
Lσ
1) =131nH,
Cσ
1) =31pF
Energy losses include
“tail” and diode
reverse recovery.
-
1.15
-
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
-
176
-
ns
Diode reverse recovery charge
Qrr
-
1.46
-
µC
Diode peak reverse recovery current
Irrm
-
18.9
-
A
Diode peak rate of fall of reverse
recovery current during tb
dirr/dt
Tj=175
°C
VR=400V, IF=20A,
diF/dt=880A/
µs
-
467
-
A/
µs
1) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.


Similar Part No. - IKW20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW20N60T INFINEON-IKW20N60T Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IKW20N60T INFINEON-IKW20N60T Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKW20N60T INFINEON-IKW20N60T Datasheet
507Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW20N60TA INFINEON-IKW20N60TA Datasheet
606Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.2 27.08.2013
IKW20N60T INFINEON-IKW20N60T_15 Datasheet
507Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
More results

Similar Description - IKW20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com