Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC1162A Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSC1162A
Description  40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSC1162A Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
¡ Semiconductor
MSC1162A
1/14
¡ Semiconductor
MSC1162A
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
GENERAL DESCRIPTION
The MSC1162A is a monolithic IC designed for directly driving the grid and anode of the vacuum
fluorescent display tube. The device contains a 40-bit bidirectional shift register, a 40-bit latch
circuit, and 40-output circuit on a single chip.
Display data is serially stored in the shift register at the rising edge of a clock pulse.
Setting the CL pin low allows all the driver outputs to be driven low, which makes it possible to
set the display blanking.
Also, setting both of the CL and CHG pins high allows all the driver outputs to be driven high,
which provides the easy testing of all lights after final assembly of a VFD tube panel.
The MSC1162A is compatible with the MSC1162.
FEATURES
• Logic Supply Voltage
(VCC): 5V
• Driver Supply Voltage (VHV): 65V
• Driver Output Current
IOHVH1 (Only one driver output : "H") : –40mA
IOHVH2 (All the driver outputs : "H") : –2mA
IOHVL:1mA
• Directly connected to VFD tube without pull-down resistors
• Data Transfer Speed: 4MHz
• Package :
60-pin plastic SSOP (SSOP60-P-700-0.65-BK) (Product name : MSC1162AGS-BK)
E2C0034-27-Y5
This version: Nov. 1997
Previous version: Jul. 1996


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn