Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6501 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FMS6501
Description  12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6501 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FMS6501 Datasheet HTML 3Page - Fairchild Semiconductor FMS6501 Datasheet HTML 4Page - Fairchild Semiconductor FMS6501 Datasheet HTML 5Page - Fairchild Semiconductor FMS6501 Datasheet HTML 6Page - Fairchild Semiconductor FMS6501 Datasheet HTML 7Page - Fairchild Semiconductor FMS6501 Datasheet HTML 8Page - Fairchild Semiconductor FMS6501 Datasheet HTML 9Page - Fairchild Semiconductor FMS6501 Datasheet HTML 10Page - Fairchild Semiconductor FMS6501 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
www.fairchildsemi.com
FMS6501 Rev. 1A
I2C Interface
Figure 2: Bit Transfer
Operation
The I2C compatible interface conforms to the I2C spec for
Standard Mode. Individual addresses may be written. There
is no read capability. The interface consists of two lines.
These are a serial data line (SDA) and a serial clock line
(SCL). Both lines must be connected to a positive supply
through an external resistor. Data transfer may be initiated
only when the bus is not busy.
Bit Transfer
One data bit is transferred during each clock pulse. The data
on the SDA line must remain stable during the HIGH period of
the clock pulse. Changes in the data line during this time will
be interpreted as a control signal.
Data line
stable;
data valid
SCL
SDA
Change
of data
allowed
Start and Stop conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock is
HIGH is defined as the start condition (S). A LOW-to-HIGH transition of the data line, while the clock is HIGH is defined as the
stop condition (P).
Figure 3: Definition of START and STOP conditions.
S
P
START condition
STOP condition
SCL
SDA


Similar Part No. - FMS6501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
logo
Fairchild Semiconductor
FMS6501MSA28 FAIRCHILD-FMS6501MSA28 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
More results

Similar Description - FMS6501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Renesas Technology Corp
H838776 RENESAS-H838776 Datasheet
3Mb / 594P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Fairchild Semiconductor
FMS6502 FAIRCHILD-FMS6502 Datasheet
538Kb / 13P
   8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com