Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJP5355 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJP5355
Description  High Voltage Switch Mode Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJP5355 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJP5355 Datasheet HTML 1Page - Fairchild Semiconductor FJP5355 Datasheet HTML 2Page - Fairchild Semiconductor FJP5355 Datasheet HTML 3Page - Fairchild Semiconductor FJP5355 Datasheet HTML 4Page - Fairchild Semiconductor FJP5355 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, September 2003
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC Current Gain
Figure 3. Saturation Voltage
Figure 4. Saturation Voltage
Figure 5. Resistive Load Switching
Figure 6. Power Derating Curve
0
1
23
45
0
1
2
3
4
5
I
B=600m A
I
B
=300mA
I
B=200m A
I
B=100m A
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1m
10m
100m
1
10
1
10
100
1000
V
CE = 5V
T
C = 125
o
C
T
C = 75
o
C
T
C = 25
o
C
T
C = - 40
o
C
I
C [A], COLLECTOR CURRENT
1m
10m
100m
1
10
0.01
0.1
1
10
I
C
= 4 I
B
T
C = 125
o
C
T
C = 75
o
C
T
C = 25
o
C
T
C = - 40
o
C
I
C
[A], COLLECTOR CURRENT
1m
10m
100m
1
10
0.1
1
10
I
C = 4 IB
T
C = 125
o
C
T
C = 75
o
C
T
C = 25
o
C
T
C = - 40
o
C
I
C [A], COLLECTOR CURRENT
1
10
100
1000
4
0.3
t
F
t
STG
I
B1=45mA, IB2= -50 0m A
V
CC= 12 5V,P W =3 00u s
I
C [A], CO LL EC TOR CURRENT
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
T
C[
oC], CASE TEMPERATURE


Similar Part No. - FJP5355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP5304D FAIRCHILD-FJP5304D Datasheet
79Kb / 6P
   High Voltage High Speed Power Switch Application
FJP5304D FAIRCHILD-FJP5304D Datasheet
592Kb / 6P
   NPN Silicon Transistor
logo
ON Semiconductor
FJP5304D ONSEMI-FJP5304D Datasheet
219Kb / 7P
   NPN Silicon Transistor
July 2008 Rev. A
logo
Fairchild Semiconductor
FJP5304D FAIRCHILD-FJP5304D_08 Datasheet
592Kb / 6P
   NPN Silicon Transistor
FJP5321 FAIRCHILD-FJP5321 Datasheet
66Kb / 6P
   High Voltage and High Reliability
More results

Similar Description - FJP5355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF3305 FAIRCHILD-FJPF3305 Datasheet
80Kb / 5P
   High Voltage Switch Mode Application
FJP13009 FAIRCHILD-FJP13009 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
MJE13007F FAIRCHILD-MJE13007F Datasheet
55Kb / 5P
   High Voltage Switch Mode Application
logo
SemiHow Co.,Ltd.
KSB13003CR SEMIHOW-KSB13003CR Datasheet
912Kb / 6P
   High Voltage Switch Mode Application
KSB13003H SEMIHOW-KSB13003H Datasheet
845Kb / 6P
   High Voltage Switch Mode Application
KSB13003HR SEMIHOW-KSB13003HR Datasheet
451Kb / 6P
   High Voltage Switch Mode Application
logo
Fairchild Semiconductor
FJP5555 FAIRCHILD-FJP5555 Datasheet
66Kb / 5P
   High Voltage Switch Mode Application
KSE13004 FAIRCHILD-KSE13004 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
KSE13006 FAIRCHILD-KSE13006 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
FJPF5555 FAIRCHILD-FJPF5555 Datasheet
71Kb / 5P
   High Voltage Switch Mode Application
logo
ON Semiconductor
FJPF3305 ONSEMI-FJPF3305 Datasheet
221Kb / 7P
   High Voltage Switch Mode Application
May 2007 Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com