Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8R1002 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PT8R1002
Description  CMOS Zero-IF Radio Transceiver IC for Bluetooth
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PT8R1002 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PT8R1002 Datasheet HTML 2Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 3Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 4Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 5Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 6Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 7Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 8Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 9Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Preliminary Data Sheet
PT8R1002 CMOS Zero-IF
Radio Transceiver IC for Bluetooth
PT0124(12/04)
Ver:2
6
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
The unidirectional mode allows the PT8R1002 to be controlled
with minimum reference to the previous state of the interface.
This allows the state of PT8R1002 to be inferred by examin-
ing the logic levels on the interface signals. The unidirec-
tional interface can be split into two subsections: RF data and
control path, register control interface. In BlueRF interface,
ten signals are used in the RF data and control path, and four in
the register control interface. All of the signals are unidirec-
tional. However, the BSEN (Hop frequency synthesizer en-
able) and BXTLEN (a strobe which enables the RF oscillator)
are not supported as explicit signal in the PT8R1002. Instead,
these equivalents functions can be supported using serial pro-
gramming through JTAG interface. The unidirectional inter-
face requires that the PT8R1002 control registers interface to
the Baseband via an IEEE 1149.1 JTAG interface. The unidi-
rectional interface requires that the Baseband portion of the
interface is referenced to a Baseband generated clock.
Figure 4. BlueRF RXMOD2 Unidirectional baseband interface
BRXD
RXDATA(GPA4)
BRXEN
RXACTIVE(GPA1)
BTXEN
TXACTIVE(GPA0)
BPKTCTL
SYNCDETECT(GPA5)
BSEN
GPD4(optional)
BXTLEN
GPD5(optional)
BTXD
TXDATA(GPA3)
BPAEN
TXDATA_EN(GPA2)
BnPWR
RFRESET(GPA7)
BRCLK
DATACLK(GPA6)
BDCLK
BLUERF_TCK(GPA8)
BnDEN
BLUERF_TMS(GPA9)
BMOSI
BLUERF_TDI(GPA10)
BMISO
BLUERF_TDO(GPA11)
Bluetooth
Radio
Transceiver
Baseband
Interface
(Unidirectional,
JTAG SPI)
Bidirectional interface
The bidirectional mode provides the lowest pin count inter-
face between the baseband and RF piece. The interface con-
nections for bidirectional mode are shown as follows:
As similar to unidirectional interface, the bidirectional inter-
face can be split into two subsections: RF data and control
path, register control interface. The bidirectional interface uses
a DBus control register interface. In BlueRF interface, five
signals are used in the RF data and control path, and three in
the register control interface. There are two bidirectional sig-
nals such as BTXD and BDDATA. The direction of the two
bidirectional pads (BTXD, BDDATA) is controlled by separate
state machine in the baseband and PT8R1002. The baseband
state machine is the master and controls the state machine in
the PT8R1002 in an open loop manner. To prevent bidirec-
tional data contention, baseband must ensure not to occur
during reset and normal operation.


Similar Part No. - PT8R1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8R1202 ETC-PT8R1202 Datasheet
656Kb / 26P
   Bluetooth Digital Audio Streaming IC
More results

Similar Description - PT8R1002

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
   Bluetooth Radio Transceiver
2002
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
   BLUETOOTH RADIO TRANSCEIVER
logo
Texas Instruments
LMX5251 TI1-LMX5251 Datasheet
1Mb / 40P
[Old version datasheet]   LMX5251 Bluetooth??CMOS Radio
LMX5251 TI-LMX5251_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMX5251 Bluetooth??CMOS Radio
logo
Micro Linear Corporatio...
ML2713 MICRO-LINEAR-ML2713 Datasheet
287Kb / 18P
   ML2713 Radio IF Transceiver
logo
OKI electronic componet...
ML7050LA OKI-ML7050LA Datasheet
133Kb / 16P
   Bluetooth RF Transceiver IC
logo
Analog Devices
ADF7241 AD-ADF7241 Datasheet
738Kb / 72P
   Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Panasonic Semiconductor
AN7293NFBQ PANASONIC-AN7293NFBQ Datasheet
54Kb / 5P
   FM-IF, NC, MPX IC for Car Radio
AN7293NSC PANASONIC-AN7293NSC Datasheet
53Kb / 5P
   FM-IF, NC, MPX IC for car radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com