Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1995 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1995
Description  MINIATURE LED DRIVER LX1995 EVUALATION KIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1995 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1995 Datasheet HTML 1Page - Microsemi Corporation LX1995 Datasheet HTML 2Page - Microsemi Corporation LX1995 Datasheet HTML 3Page - Microsemi Corporation LX1995 Datasheet HTML 4Page - Microsemi Corporation LX1995 Datasheet HTML 5Page - Microsemi Corporation LX1995 Datasheet HTML 6Page - Microsemi Corporation LX1995 Datasheet HTML 7Page - Microsemi Corporation LX1995 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LX1995
EVALUATION GUIDE
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2004
Rev. 1.0, 2004-08-13
LX1995 EVALUATION HOOK UP
The following is a demonstration scenario that
can be used to evaluate the LX1995:
Directions for hook up (DC dimming mode):
1. Install jumper JU1.
2. Connect a 3.6V typical 1A power source
between VIN and GND terminals.
3. Apply a 1.5V DC signal to the DC_ADJ
terminal. Signal GND can be referenced to GND2
for convenience.
4. Vary the DC signal from 0V to 3V and observe
the LEDs dimming. (Measure LED current from
LED4 cathode to GND2 if desired. I = V / 15.
VIN
D1
(800) 877-6458
LX1995 MINIATURE LED DRIVER
EVALUATION BOARD
GND
L1
U1
/SHDN
LED1
LED3
LED2
LED4
+
-
3.6V
+
-
0V to 3V
DC DIMMER
POWER
( DIMMING OPTION 1)
PWM
3.3V
0V
( DIMMING OPTION 2)
>5KHz
PWM
( DIMMING OPTION 3)
<1KHz
3.3V
0V
Figure 2 – Typical Hook Up for the LX1995 Eval Board


Similar Part No. - LX1995

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995 Datasheet
152Kb / 9P
   Miniature LED Driver
logo
Zhaoxingwei Electronics...
LX1995 ZHAOXINGWEI-LX1995 Datasheet
326Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Microsemi Corporation
LX1995-1CSE MICROSEMI-LX1995-1CSE Datasheet
152Kb / 9P
   Miniature LED Driver
LX1995-1CSE-TR MICROSEMI-LX1995-1CSE-TR Datasheet
152Kb / 9P
   Miniature LED Driver
LX1995-1CSG MICROSEMI-LX1995-1CSG Datasheet
152Kb / 9P
   Miniature LED Driver
More results

Similar Description - LX1995

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LX1995 ZHAOXINGWEI-LX1995 Datasheet
326Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995_05 Datasheet
152Kb / 9P
   Miniature LED Driver
logo
Applied Concepts Inc.
ACK-1908 ACIPOWER-ACK-1908 Datasheet
84Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2034 ACIPOWER-ACK-2034 Datasheet
169Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2078 ACIPOWER-ACK-2078 Datasheet
169Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2270 ACIPOWER-ACK-2270 Datasheet
191Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1915 ACIPOWER-ACK-1915 Datasheet
90Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2132 ACIPOWER-ACK-2132 Datasheet
168Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1951 ACIPOWER-ACK-1951 Datasheet
89Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2182 ACIPOWER-ACK-2182 Datasheet
193Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com