Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1995 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1995
Description  MINIATURE LED DRIVER LX1995 EVUALATION KIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1995 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1995 Datasheet HTML 1Page - Microsemi Corporation LX1995 Datasheet HTML 2Page - Microsemi Corporation LX1995 Datasheet HTML 3Page - Microsemi Corporation LX1995 Datasheet HTML 4Page - Microsemi Corporation LX1995 Datasheet HTML 5Page - Microsemi Corporation LX1995 Datasheet HTML 6Page - Microsemi Corporation LX1995 Datasheet HTML 7Page - Microsemi Corporation LX1995 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LX1995
EVALUATION GUIDE
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2004
Rev. 1.0, 2004-08-13
SCHEMATIC FOR LX1995 EVAL
IN
GND
FB
SW
SHDN
C1
10µF
JU1
R1
100K
VIN
GND
L1 10µH
D1
UPS5817
C2
1µF
OPT
T-1.75
OPT
T-1.75
OPT
T-1.75
OPT
T-1.75
LED1
OPTIMITE
LED2
OPTIMITE
LED3
OPTIMITE
LED4
OPTIMITE
R2
11.3K
R4 15
VOUT
GND
R3
90.9K
C3
0.1µF
R5
9.09K
PWM_ADJ
GND
DC_ADJ
GND
R8
100K
SHDN
U1
LX1995
Figure 1 – Evaluation Board Schematic


Similar Part No. - LX1995

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995 Datasheet
152Kb / 9P
   Miniature LED Driver
logo
Zhaoxingwei Electronics...
LX1995 ZHAOXINGWEI-LX1995 Datasheet
326Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Microsemi Corporation
LX1995-1CSE MICROSEMI-LX1995-1CSE Datasheet
152Kb / 9P
   Miniature LED Driver
LX1995-1CSE-TR MICROSEMI-LX1995-1CSE-TR Datasheet
152Kb / 9P
   Miniature LED Driver
LX1995-1CSG MICROSEMI-LX1995-1CSG Datasheet
152Kb / 9P
   Miniature LED Driver
More results

Similar Description - LX1995

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LX1995 ZHAOXINGWEI-LX1995 Datasheet
326Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995_05 Datasheet
152Kb / 9P
   Miniature LED Driver
logo
Applied Concepts Inc.
ACK-1908 ACIPOWER-ACK-1908 Datasheet
84Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2034 ACIPOWER-ACK-2034 Datasheet
169Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2078 ACIPOWER-ACK-2078 Datasheet
169Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2270 ACIPOWER-ACK-2270 Datasheet
191Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1915 ACIPOWER-ACK-1915 Datasheet
90Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2132 ACIPOWER-ACK-2132 Datasheet
168Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1951 ACIPOWER-ACK-1951 Datasheet
89Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2182 ACIPOWER-ACK-2182 Datasheet
193Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com