Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT821054A Datasheet(PDF) 37 Page - Integrated Device Technology

Part # IDT821054A
Description  QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT821054A Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button IDT821054A Datasheet HTML 33Page - Integrated Device Technology IDT821054A Datasheet HTML 34Page - Integrated Device Technology IDT821054A Datasheet HTML 35Page - Integrated Device Technology IDT821054A Datasheet HTML 36Page - Integrated Device Technology IDT821054A Datasheet HTML 37Page - Integrated Device Technology IDT821054A Datasheet HTML 38Page - Integrated Device Technology IDT821054A Datasheet HTML 39Page - Integrated Device Technology IDT821054A Datasheet HTML 40Page - Integrated Device Technology IDT821054A Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
37
IDT821054A QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
INDUSTRIAL TEMPERATURE
8
TIMING CHARACTERISTICS
8.1
CLOCK TIMING
Figure - 6 Clock Timing
Symbol
Description
Min.
Typ.
Max.
Units
Test Conditions
t1
CCLK period
122
100k
ns
t2
CCLK pulse width
48
ns
t3
CCLK rise and fall time
25
ns
t4
BCLK period
122
ns
t5
BCLK pulse width
48
ns
t6
BCLK rise and fall time
15
ns
t7
MCLK pulse width
48
ns
t8
MCLK rise and fall time
15
ns
t3
t3
CCLK
t1
t2
t2
t6
t6
BCLK
t4
t5
t5
t8
t8
MCLK
t7
t7


Similar Part No. - IDT821054A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054 ETC-IDT821054 Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
logo
Integrated Device Techn...
IDT821054PQF IDT-IDT821054PQF Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results

Similar Description - IDT821054A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com