Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVC374A Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. IDT74LVC374A
Description  3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC374A Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74LVC374A Datasheet HTML 1Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 2Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 3Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 4Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 5Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVC374A
3.3VCMOSOCTALEDGE-TRIGGEREDD-TYPEFLIP-FLOP
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
SO
PY
Q
PG
74
Small Outline IC (gull wing)
Shrink Small Outline Package
Quarter Size Small Outline Package
Thin Shrink Small Outline Package
Octal Edge-Triggered D-Type Flip-Flop with
3-State Outputs, ±24mA
–40°C to +85°C
X
Bus-Hold
374A
No Bus-hold
Blank


Similar Part No. - IDT74LVC374A

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT74LVC373A IDT-IDT74LVC373A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC373APG IDT-IDT74LVC373APG Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC373APY IDT-IDT74LVC373APY Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC373AQ IDT-IDT74LVC373AQ Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC373ASO IDT-IDT74LVC373ASO Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74LVC374A

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A Datasheet
78Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC574A IDT-IDT74LVC574A Datasheet
71Kb / 6P
   3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH162374A IDT-IDT74LVCH162374A Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT74LVC273A IDT-IDT74LVC273A Datasheet
70Kb / 6P
   3.3V CMOS OCTAL D-TYPE FLIP-FLOP WITH RESET, POSITIVE EDGE TRIGGER,AND 5 VOLT TOLERANT I/O
Texas Instruments
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz