Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVC374A Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT74LVC374A
Description  3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC374A Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74LVC374A Datasheet HTML 1Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 2Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 3Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 4Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 5Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVC374A
3.3VCMOSOCTALEDGE-TRIGGEREDD-TYPEFLIP-FLOP
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperFlip-FlopOutputsenabled
CL = 0pF, f = 10Mhz
54.5
pF
CPD
PowerDissipationCapacitanceperFlip-FlopOutputsdisabled
13.5
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fMAX
80
100
MHz
tPLH
PropagationDelay
8.1
1.5
7
ns
tPHL
CLK to xQ
tPZH
OutputEnableTime
8.5
1.5
7.5
ns
tPZL
OE to xQ
tPHZ
OutputDisableTime
7.1
1.5
6.5
ns
tPLZ
OE to xQ
tW
Pulse Duration, CLK HIGH or LOW
3.3
3.3
ns
tSU
Set-up Time, data before CLK
2—
2—
ns
tH
Hold Time, data after CLK
1.5
1.5
ns
tSK(o)
OutputSkew(2)
——
1ns
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT74LVC574A 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74LVC2245A 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH162374A 3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVC16373A 3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74LVC245A 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74LVC373A 3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74LVCR2245A 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH245A 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVC823A 3.3V CMOS 9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH16374A 3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS 5V TOLERANT I/O AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn