Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVC374A Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT74LVC374A
Description  3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC374A Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74LVC374A Datasheet HTML 1Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 2Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 3Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 4Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 5Page - Integrated Device Technology IDT74LVC374A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC374A
3.3VCMOSOCTALEDGE-TRIGGEREDD-TYPEFLIP-FLOP
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
PIN CONFIGURATION
SOIC/ SSOP/ QSOP/ TSSOP
TOP VIEW
2
3
1
1
Q
VCC
16
15
14
6
Q
7
Q
6
D
8
D
8
Q
7
D
11
5
Q
5
D
CLK
19
18
20
17
13
12
OE
5
6
3
D
7
2
Q
3
Q
4
1
D
2
D
8
9
GND
10
4
D
4
Q
NOTES:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High-Impedance
↑ = LOW-to-HIGH Transition
2. Output level before the indicated steady-state input conditions were established.
Inputs
Outputs
xD
CLK
OE
xQ
H
LH
L
LL
X
H or L
L
Q(2)
XX
H
Z
FUNCTION TABLE (EACHFLIP-FLOP)(1)
Pin Names
Description
OE
Output Enable Input (Active LOW)
CLK
Clock Input
xD
Data Inputs
xQ
Data Outputs
PIN DESCRIPTION


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74LVC574A3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC2245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162374A3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16373A3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC373A3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCR2245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC823A3.3V CMOS 9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16374A3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS 5V TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn