Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVC245SO Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74ALVC245SO
Description  3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVC245SO Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74ALVC245SO Datasheet HTML 1Page - Integrated Device Technology IDT74ALVC245SO Datasheet HTML 2Page - Integrated Device Technology IDT74ALVC245SO Datasheet HTML 3Page - Integrated Device Technology IDT74ALVC245SO Datasheet HTML 4Page - Integrated Device Technology IDT74ALVC245SO Datasheet HTML 5Page - Integrated Device Technology IDT74ALVC245SO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74ALVC245
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XX
ALVC
XXX
XX
Package
Device Type
Temp. Range
SO
PG
74
Small Outline IC
Thin Shrink Small Outline Package
Octal Bus Transceiver with 3-State Outputs, ±24mA
–40°C to +85°C
X
Bus-Hold
245
No Bus-Hold
Blank


Similar Part No. - IDT74ALVC245SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC244 IDT-IDT74ALVC244 Datasheet
62Kb / 6P
   3.3V CMOS OCTAL BUFFER/ DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC244PG IDT-IDT74ALVC244PG Datasheet
62Kb / 6P
   3.3V CMOS OCTAL BUFFER/ DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC244PY IDT-IDT74ALVC244PY Datasheet
62Kb / 6P
   3.3V CMOS OCTAL BUFFER/ DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC244Q IDT-IDT74ALVC244Q Datasheet
62Kb / 6P
   3.3V CMOS OCTAL BUFFER/ DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC244SO IDT-IDT74ALVC244SO Datasheet
62Kb / 6P
   3.3V CMOS OCTAL BUFFER/ DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - IDT74ALVC245SO

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com