Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS95420YGLNT Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS95420YGLNT
Description  Programmable Timing Control HubTM for Mobile P4TM Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95420YGLNT Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS95420YGLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 9Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 10Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 11Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 12Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 13Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 14Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 15Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Integrated
Circuit
Systems, Inc.
ICS954204
0933D—03/16/05
PCI_STOP#
CPU
CPU#
SRC
SRC#
PCIF/PCI
DOT
DOT#
USB
REF
0
Normal
Normal
Normal
Normal
33MHz
Normal
Normal
48MHz
14.318MHz
1
Normal
Normal
Iref*6 or Float
Low
Low
Normal
Normal
48MHz
14.318MHz
PD
CPU
CPU#
SRC
SRC#
PCIF/PCI
DOT
DOT#
USB
REF
0
Normal
Normal
Normal
Normal
33MHz
Normal
Low
48MHz
14.318MHz
1
Iref*2 or Float
Float
Iref*2 or Float
Float
Low
Iref*2 or Float
Float
Low
Low
Table 6: PD Functionality
Table 5: PCI_STOP# Functionality
PD
CPU_STOP#
CPU_STOP
Tristate BIT
PD Tristate BIT
10
54
B5b[6, 5, 4]
B5b[2,1,0]
CPU[2:0]
0
1
X
X
Running
Running
CPU[2:0]
0
0
0
X
Running
Driven @ IREF X6
CPU[2:0]
0
0
1
X
Running
Tristate
CPU[2:0]
1
X
X
1
Driven @ IREF X2
Driven @ IREF X2
CPU[2:0]
1
X
X
0
Tristate
Tristate
PD
PCI/SRC_STOP#
PCI/SRC_STOP
Tristate BIT
PD Tristate BIT
10
55
B5b7
B5b3
SRC
0
1
X
X
Running
Running
SRC
0
0
0
X
Running
Driven @ IREF X6
SRC
0
0
1
X
Running
Tristate
SRC
1
X
X
1
Driven @ IREF X2
Driven @ IREF X2
SRC
1
X
X
0TristateTristate
Table 8: Tristate SRC Clock Control Truth Table
Signal
NON-STOP
OUTPUTS
STOPPABLE OUTPUTS
Signal
NON-STOP
OUTPUTS
Table 7: Tristate CPU Clock Control Truth Table
STOPPABLE OUTPUTS
PD
PD Tristate BIT
10
B4b6
DOT_96
0
X
Running
DOT_96
1
1
Driven @ IREF X2
DOT_96
1
0
Tristate
Table 9: Tristate DOT Clock Control Truth Table
Signal
STOPPABLE OUTPUTS
Table10: CLKREQ# Clock Control Truth Table
PD
PCI/SRC_STOP#
CLKREQA#
CLKREQB#
10
55
33, 32
SRC
0
1
0
Running
SRC
0
1
1
Tristate
SRC
0
0
0
Tristate
SRC
0
0
1
Stopped per B5b7
SRC
1
X
X
Stopped per B5b3
Signal
SELECTED OUTPUTS


Similar Part No. - ICS95420YGLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS954201 ICST-ICS954201 Datasheet
157Kb / 10P
   Programmable Timing Control Hub??for Mobile P4??Systems
logo
Renesas Technology Corp
ICS954201 RENESAS-ICS954201 Datasheet
387Kb / 17P
   Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
logo
Integrated Device Techn...
ICS954201BGLF IDT-ICS954201BGLF Datasheet
132Kb / 16P
   Programmable Timing Control Hub??for Mobile P4??Systems
logo
Integrated Circuit Syst...
ICS954201YFLNT ICST-ICS954201YFLNT Datasheet
157Kb / 10P
   Programmable Timing Control Hub??for Mobile P4??Systems
ICS954201YGLNT ICST-ICS954201YGLNT Datasheet
157Kb / 10P
   Programmable Timing Control Hub??for Mobile P4??Systems
More results

Similar Description - ICS95420YGLNT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
   Programmable Timing Control HubTM for P4TM
logo
Renesas Technology Corp
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
logo
Integrated Device Techn...
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
   Programmable Timing Control HubTM for Intel Systems
logo
Renesas Technology Corp
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
   Programmable Timing Control HubTM for Intel Systems
2019
logo
Integrated Device Techn...
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com