Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX16543 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. 74LCX16543
Description  Low Voltage 16-Bit Registered Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX16543 Datasheet(HTML) 2 Page - ON Semiconductor

  74LCX16543 Datasheet HTML 1Page - ON Semiconductor 74LCX16543 Datasheet HTML 2Page - ON Semiconductor 74LCX16543 Datasheet HTML 3Page - ON Semiconductor 74LCX16543 Datasheet HTML 4Page - ON Semiconductor 74LCX16543 Datasheet HTML 5Page - ON Semiconductor 74LCX16543 Datasheet HTML 6Page - ON Semiconductor 74LCX16543 Datasheet HTML 7Page - ON Semiconductor 74LCX16543 Datasheet HTML 8Page - ON Semiconductor 74LCX16543 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2001 Fairchild Semiconductor Corporation
DS012464
www.fairchildsemi.com
May 1995
Revised April 2001
74LCX16543
Low Voltage 16-Bit Registered Transceiver
with 5V Tolerant Inputs and Outputs
General Description
The LCX16543 contains sixteen non-inverting transceivers
containing two sets of D-type registers for temporary stor-
age of data flowing in either direction. Each byte has sepa-
rate control inputs which can be shorted together for full
16-bit operation. Separate Latch Enable and Output
Enable inputs are provided for each register to permit inde-
pendent input and output control in either direction of data
flow.
The LCX16543 is designed for low voltage (2.5V or 3.3V)
VCC applications with capability of interfacing to a 5V signal
environment.
The LCX16543 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
■ 5V tolerant inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ 5.2 ns tPD max (VCC = 3.3V), 20 µA ICC max
■ Power down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
±24 mA Output Drive (V
CC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
Human Body Model
> 2000V
Machine Model
> 200V
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Logic Symbol
Order Number
Package Number
Package Description
74LCX16543MEA
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
74LCX16543MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn