Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX16543 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. 74LCX16543
Description  Low Voltage 16-Bit Registered Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX16543 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74LCX16543 Datasheet HTML 2Page - ON Semiconductor 74LCX16543 Datasheet HTML 3Page - ON Semiconductor 74LCX16543 Datasheet HTML 4Page - ON Semiconductor 74LCX16543 Datasheet HTML 5Page - ON Semiconductor 74LCX16543 Datasheet HTML 6Page - ON Semiconductor 74LCX16543 Datasheet HTML 7Page - ON Semiconductor 74LCX16543 Datasheet HTML 8Page - ON Semiconductor 74LCX16543 Datasheet HTML 9Page - ON Semiconductor 74LCX16543 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 5: Outputs in disabled or 3-STATE only.
AC Electrical Characteristics
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
20
µA
3.6V
≤ V
I, VO ≤ 5.5V (Note 5)
2.3
− 3.6
±20
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500 Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
5.2
1.5
6.0
1.5
6.2
ns
tPLH
An to Bn or Bn to An
1.55.21.56.01.56.2
tPHL
Propagation Delay
1.5
6.5
1.5
7.5
1.5
7.8
ns
tPLH
LEBAn to An or LEABn to Bn
1.56.51.57.51.57.8
tPZL
Output Enable Time
tPZH
OEBAn or OEABn to An or Bn
1.56.51.57.01.58.5
ns
CEBAn or CEABn to An or Bn
1.56.51.57.01.58.5
tPLZ
Output Disable Time
tPHZ
OEBAn or OEABn to An or Bn
1.56.51.57.01.57.8
ns
CEBAn or CEABn to An or Bn
1.56.51.57.01.57.8
tS
Setup Time, HIGH or LOW,
2.5
2.5
3.0
ns
Data to LEXXn
tH
Hold Time, HIGH or LOW,
1.5
1.5
2.0
ns
Data to LEXXn
tW
Pulse Width, Latch Enable, LOW
3.0
3.0
3.5
ns
tOSHL
Output to Output Skew (Note 6)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn