Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7938 Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC7938
Description  Laser Diode Driver with Automatic Power Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7938 Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC7938 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7938
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
G52349-0, Rev 3.0
Page 9
01/20/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Enable/Disable
Two pins are provided to allow either ENABLE or DISABLE control. If ENABLE is used, connect DIS-
ABLE to ground. Is DISABLE is used, leave ENABLE floating. Both modulation and bias currents are turned
off when ENABLE is low or DISABLE is high. Typically, ENABLE or DISABLE responds within approxi-
mately 250ns.
Slow-Start
For laser safety, the VSC7938 offers a slow-start mechanism via the SLWSTRT pin which provides delay
for enabling the laser diode. To disable Slow-Start, leave SLWSTRT open. An external capacitor to ground sets
the delay by the following equation:
τ
ENABLE(ns) = CSLWSTRT(pF) * 20 + 250ns
Controlling the Modulation Current
The output modulation current may be determined from the following equation where Pp-p is the peak-to-
peak optical power, PAVE is the average power, re is the extinction ratio, and η is the laser slope efficiency:
IMOD = Pp-p / η= 2 * PAVE * (re-1) / (re+1) / η
A resistor at MODSET controls the output bias current. Graphs of IMODSET vs. RMODSET in Typical Operat-
ing Characteristics for both 3.3V and 5V operation describe the relationship between the resistor at MODSET
and the output modulation current at 25
°C. After determining the desired output modulation current, use the
graph to determine the appropriate resistor value at MODSET.
Controlling the Bias Current
A resistor at BIASMAX should be used to control the output bias current. Graphs of IBIASMAX vs. RBIASMAX
in Typical Operating Characteristics for both 3.3V and 5V operation describe the relationship between the
resistor at BIASMAX and the output bias current at 25
°C. If the APC is not used, the appropriate resistor value
at BIASMAX is determined by first selecting the desired output bias current, and then using the graph to deter-
mine the appropriate resistor value at BIASMAX. When using APC, BIASMAX sets the maximum allowed
bias current. After determining the maximum end-of-life bias current at 85
°C for the laser, refer to the graph of
IBIASMAX vs. RBIASMAX in Typical Operating Characteristics to select the appropriate resistor value.
Controlling the APC Loop
To select the resistor at APCSET, use the graph of IMD vs. RAPCSET in Typical Operating Characteristics.
The graph relates the desired monitor current to the appropriate resistance value at APCSET. IMD may be calcu-
late from the desired optical average power, PAVE,, and the laser-to-monitor transfer, ρMON, for a specific laser
using the following equation:
IMD = PAVE * ρMON


Similar Part No. - VSC7938

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
VSC7937KJ VITESSE-VSC7937KJ Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
VSC7937KJL VITESSE-VSC7937KJL Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
VSC7937KJRL VITESSE-VSC7937KJRL Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
VSC7937RA VITESSE-VSC7937RA Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
More results

Similar Description - VSC7938

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Maxim Integrated Produc...
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
   2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com