Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV4ZXXXX Datasheet(PDF) 6 Page - TT Electronics.

Part # OV4ZXXXX
Description  Optimal IV Star Series Mono-Color, Multi-LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OV4ZXXXX Datasheet(HTML) 6 Page - TT Electronics.

  OV4ZXXXX Datasheet HTML 1Page - TT Electronics. OV4ZXXXX Datasheet HTML 2Page - TT Electronics. OV4ZXXXX Datasheet HTML 3Page - TT Electronics. OV4ZXXXX Datasheet HTML 4Page - TT Electronics. OV4ZXXXX Datasheet HTML 5Page - TT Electronics. OV4ZXXXX Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 11/08
Page 6 of 6
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
220
9
3.3
Optimal IV COS Star
OV4Zxxxx Series
Shipment Packaging and Packing:
1. Packaging quantity : 10 stars / tube
2. Packing box contains 10 tubes
3. Shipment of 10 Packing Boxes in Cardboard Box (26.5 mm x 34.5 mm x18 mm)


Similar Part No. - OV4ZXXXX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OV4ZRGBA TTELEC-OV4ZRGBA Datasheet
216Kb / 3P
   Multi-LED Recessed Die Design (RDD)
More results

Similar Description - OV4ZXXXX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
   Optimal XIV Star Series White, Multi-LED
OVTLZ1LGAB TTELEC-OVTLZ1LGAB Datasheet
215Kb / 1P
   Optimal I Star Series 1-watt LED on MCPCB
logo
Wurth Elektronik GmbH &...
151051BS04000 WURTH-151051BS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color
151051YS04000 WURTH-151051YS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151031YS06000 WURTH-151031YS06000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151051VS04000 WURTH-151051VS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151031SS04000 WURTH-151031SS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151031VS06000 WURTH-151031VS06000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151031VS04000 WURTH-151031VS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
logo
BetLux Electronics
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
   Flexible LED strip light, Mono color and RGB color
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com