Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MS81V06160 Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MS81V06160
Description  (401,408-word ´ 16-bit) FIFO memory
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MS81V06160 Datasheet(HTML) 3 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Semiconductor
MS81V06160
3/18
PIN CONFIGURATION (TOP VIEW)
70-pin Plastic TSOP
SWCK
Serial Write Clock
SRCK
Serial Read Clock
WE
Write Enable
RE
Read Enable
IE
Input Enable
OE
Output Enable
RSTW
Reset Write
RSTR
Reset Read
DI0-15
Data Input
DO0-15
Data Output
VSS
Ground (0 V)
VCC
Power Supply (3.3 V)
NC
No Connection
Note: The same power supply voltage must be provided to every V
CC pin, and the same GND voltage
level must be provided to every V
SS pin.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
V
CC
NC
NC
NC
V
SS
DI0
DI1
DI2
DI3
V
SS
DO0
DO1
V
CC
DO2
DO3
V
SS
V
SS
V
CC
V
CC
DO4
DO5
V
CC
DO6
DO7
V
SS
DI4
DI5
DI6
DI7
V
SS
OE
RE
RSTR
SRCK
V
CC
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
V
SS
NC
NC
NC
V
CC
DI15
DI14
DI13
DI12
V
SS
DO15
DO14
V
CC
DO13
DO12
V
SS
V
SS
V
CC
V
CC
DO11
DO10
V
CC
DO9
DO8
V
SS
DI11
DI10
DI9
DI8
V
CC
IE
WE
RSTW
SWCK
V
SS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn