Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MS81V06160 Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MS81V06160
Description  (401,408-word ´ 16-bit) FIFO memory
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MS81V06160 Datasheet(HTML) 2 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Semiconductor
MS81V06160
2/18
FEATURES
• 401,408 words × 16 bits
• Fast FIFO (First-In First-Out) operation: 12 ns cycle time
• Self refresh (No refresh control is required)
• High speed asynchronous serial access
Read/Write Cycle Time
12 ns/15 ns
Access Time
9 ns/12 ns
• Variable length delay bit (600 to 401,408)
• Write mask function (Output enable control)
• Cascading capability
• Single power supply: 3.3 V ± 10%
• Package:
70-pin plastic TSOP TYPE II (TSOP II 70-P-400-0.5-K) (Product name: MS81V06160-xxTA)
xx indicates speed rank.
MS81V06160-TA
Parameter
Symbol
–12
–15
Access Time
tAC
9 ns
12 ns
Read/Write
Cycle Time
tSWC
tSRC
12 ns
15 ns
Operation current
Icc1
210 mA
170 mA
Standby current
Icc2
6 mA
6 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn