Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

00-9258 Datasheet(PDF) 2 Page - AVX Corporation

Part No. 00-9258
Description  Ultra Low Profile Stacker: BTB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

00-9258 Datasheet(HTML) 2 Page - AVX Corporation

  00-9258 Datasheet HTML 1Page - AVX Corporation 00-9258 Datasheet HTML 2Page - AVX Corporation 00-9258 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
CONNECT
INTERCONNECT
INTER
Ultra Low Profile Stacker: BTB
00-9258
0.4MM ULTRA LOW PROFILE STACKER
NOTES:
1. 8 WAY ULTRA LOW PROFILE STACKER IN 0.8MM STACK HEIGHT.
2. INSULATOR MATERIAL: NYLON 46 HF5040, 40% GLASS FILLED UL94 V-0.
COLOR BLACK.
3. CONTACT MATERIAL; 0.10MM THICK BeCu.
4. CONTACT PLATING: NICKEL UNDERPLATE, SELECTIVE GOLD PLATED CONTACT
NOSES PURE TIN PLATED CONTACT SMT TAILS.
5. PARTS TO BE PACKED IN TAPE AND REEL, QTY: 1200.
6. ALL DIMENSIONS FOR REFERENCE UNLESS TOLERANCED.
7. FOR FURTHER INFORMATION REFER TO SPECIFICATION 201-01-115.
PROPOSED SMT PCB LAYOUT
ALL PADS PURE TIN PLATE
PROPOSED MATING PCB LAYOUT
ALL PADS GOLD PLATE
WITH MATING PCB
LOCATION BOSSES
(TOP SIDE)
WITHOUT PCB
LOCATION BOSSES
WITH SMT PCB
LOCATION BOSSES
(BOTTOM SIDE)
WITH PCB AND SMT
LOCATION BOSSES
PACKING TAPE DETAILS


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn