Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00-9176 Datasheet(PDF) 7 Page - AVX Corporation

Part # 00-9176
Description  Standard IDC 18-24 AWG: WTB
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

00-9176 Datasheet(HTML) 7 Page - AVX Corporation

Back Button 00-9176 Datasheet HTML 3Page - AVX Corporation 00-9176 Datasheet HTML 4Page - AVX Corporation 00-9176 Datasheet HTML 5Page - AVX Corporation 00-9176 Datasheet HTML 6Page - AVX Corporation 00-9176 Datasheet HTML 7Page - AVX Corporation 00-9176 Datasheet HTML 8Page - AVX Corporation 00-9176 Datasheet HTML 9Page - AVX Corporation 00-9176 Datasheet HTML 10Page - AVX Corporation 00-9176 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CONNECT
INTER
22
031618
Standard IDC 18-24 AWG: WTB
00-9176
60-9176-00X-0XX-X99
ACCESSORY CAP – WIRE STOP
Code
Slot A
Diameter B
Text
016
1.00
1.60
Ø1.6
021
1.50
2.10
Ø2.1
Color
X00
Black
000
White
100
NOTES:
1. CAP FOR IDC WIRE TO BOARD CONNECTION, 1, 2 AND 3
WAY, WIRE STOP.
2. FOR USE WITH STANDARD 9176 IDC CONNECTORS, SEE
PAGE 17 FOR THE CORRECT PART CODE TO MATCH WIRE.
3. CAP MATERIAL: GLASS FILLED NYLON 46, FOR COLORS
SEE TABLE BELOW.
4. DIMENSIONS A, B AND TEXT, SEE TABLE BELOW.
5. CAPS DESIGNED TO ACCOMMODATE WIRE INSULATION
DIAMETERS 1.1MM TO 1.6MM AND 1.6MM TO 2.1MM.
6. ALL DIMENSIONS SHOWN ARE REFERENCE DIMENSIONS.
7. PACKED IN BAGS, 1000 PIECES PER BAG.
8. ONE WAY CAP ASSEMBLY AID, REFER TO PAGE 25.
9. ALL DIMENSIONS ±0.20 TOLERANCE SPECIFIED.
CONNECT
INTER
ASSEMBLED
CONNECTOR


Similar Part No. - 00-9176

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
00-9176-00X-7XX-XX6 AVX-00-9176-00X-7XX-XX6 Datasheet
998Kb / 8P
   18-24AWG IDC WIRE TO BOARD CONNECTOR
00-9176001-701-006 AVX-00-9176001-701-006 Datasheet
998Kb / 8P
   18-24AWG IDC WIRE TO BOARD CONNECTOR
00-9176001-701-096 AVX-00-9176001-701-096 Datasheet
998Kb / 8P
   18-24AWG IDC WIRE TO BOARD CONNECTOR
00-9176001-701-106 AVX-00-9176001-701-106 Datasheet
998Kb / 8P
   18-24AWG IDC WIRE TO BOARD CONNECTOR
More results

Similar Description - 00-9176

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
709176001501006 AVX-709176001501006 Datasheet
617Kb / 5P
   Single IDC Contact 18-24 AWG: WTB
9176-700 AVX-9176-700 Datasheet
320Kb / 8P
   Capped 18-24 AWG: WTB
9177-600 AVX-9177-600 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact 12-18 AWG: WTB
9176-650 AVX-9176-650 Datasheet
506Kb / 4P
   Single Tine SMT 18-24 AWG: WTB
9176-600 AVX-9176-600 Datasheet
484Kb / 4P
   Single Tine PTH 18-24 AWG: WTB
9175-700 AVX-9175-700 Datasheet
255Kb / 6P
   Capped IDC 26-28 AWG: WTB
24-9159 AVX-24-9159 Datasheet
2Mb / 13P
   IDC Socket: WTB
14-9159 AVX-14-9159 Datasheet
2Mb / 13P
   IDC Plug: WTB
00-9175 AVX-00-9175 Datasheet
1Mb / 7P
   Standard 26-28 AWG: WTB
logo
HARTING Technology Grou...
09-14-545-1561 HARTING-09-14-545-1561 Datasheet
482Kb / 2P
   Han-Mod RJ45 IDC cable jack 8P AWG 28-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com