Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TX-S
Description  SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TX-S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TX-S Datasheet HTML 1Page - List of Unclassifed Manufacturers TX-S Datasheet HTML 2Page - List of Unclassifed Manufacturers TX-S Datasheet HTML 3Page - List of Unclassifed Manufacturers TX-S Datasheet HTML 4Page - List of Unclassifed Manufacturers TX-S Datasheet HTML 5Page - List of Unclassifed Manufacturers TX-S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TX-S
6
10. Distribution of contact resistance
Tested sample: TXS2-4.5V, 50 pcs. (50x4 contacts)
11-(1). High frequency characteristics
Tested sample: TXS2-4.5V, 2 pcs.
Isolation characteristics
11-(2). High frequency characteristics
Tested sample: TXS2-4.5V, 2 pcs.
Insertion loss characteristics
50
60
80
90
100
70
0
40
30
20
20 22 24 26 28
32 34 36
30
38 40 42 44 46 48 50
10
13 4 5
12
10 9 8
Contact resistance, mΩ
Terminal
No. 3-4, 9-10
Terminal
No. 4-5, 8-9
(BOTTOM VIEW)
50
10
100
1,000
100
Frequency, MHz
0.6
10
100
1,000
0.2
0.4
1.0
0.8
Frequency, MHz
12-(1). Malfunctional shock (single side stable)
Tested sample: TXS2-4.5V, 6 pcs.
12-(2). Malfunctional shock (latching)
Tested sample: TXS2-L2-4.5V, 6 pcs.
13. Thermal electromotive force
Tested sample: TXS2-4.5V, 10 pcs.
Y’
Y
XZ
Z’
X’
Y
Y’
Z’
Z
X
X’
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
Deenergized condition
Energized condition
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
Y’
Y
XZ
Z’
X’
Y
Y’
Z’
Z
X
X’
Reset state
Set state
0
2
4
6
8
10
12
14
16
18
20
0
0.15
0.25
0.35
0.45
0.55
Thermal electromotive force, µV
14-(1). Influence of adjacent mounting
Tested sample: TXS2-4.5V, 6 pcs.
14-(2). Influence of adjacent mounting
Tested sample: TXS2-4.5V, 6 pcs.
14-(3). Influence of adjacent mounting
Tested sample: TXS2-4.5V, 6 pcs.
–15
–10
0
–5
5
10
15
ON
ON
ON
OFF
OFF
OFF
10
.394
12
.472
14
.551
16
.630
6
.236
2
.079
4
.157
8
.315
0
Pick-up voltage
Drop-out voltage
Inter-relay distance R, mm inch
–15
–10
–5
10
.394
12
.472
14
.551
16
.630
6
.236
2
.079
4
.157
8
.315
0
0
5
10
15
ON
ON
ON
OFF
OFF
OFF
Pick-up voltage
Drop-out voltage
Inter-relay distance R, mm inch
5
10
0
15
Pick-up voltage
Drop-out voltage
Inter-relay distance R, mm inch
–15
–10
–5
10
.394
12
.472
14
.551
16
.630
6
.236
2
.079
4
.157
8
.315
0
ON
ON
ON
OFF
OFF
OFF
ON
OFF
15. Pulse dialing test
Tested sample: TXS2-4.5V, 6 pcs.
(35 mA 48V DC wire spring relay load)
Change of pick-up and drop-out voltage
Change of contact resistance
+
DC48V
458Ω
0.08
µF
0.08
µF
458Ω
4
3
Wire spring relay
0
0
10
20
50
30
10
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
40
Pick-up voltage
Drop-out voltage
No. of operation, ×10
4
50
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
10
020
3040
No. of operation, ×10
4
Note: Data of surface-mount type are the same as those of PC board terminal type.
For Cautions for Use, see Pages in catalog.


Similar Part No. - TX-S

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-S PANASONICBATTERY-TX-S Datasheet
134Kb / 6P
   TX-S RELAYS
logo
Transko Electronics, In...
TX-S TRANSKO-TX-S Datasheet
326Kb / 2P
   TCXO/VCTCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev 4: 03-02-2023
logo
AUREL S.p.A.
TX-SAW-L-3V AUREL-TX-SAW-L-3V Datasheet
124Kb / 1P
   433 MHz ASK transmitter for high range voltage supply application
15.10.2016 - Rev A
TX-SAW434L AUREL-TX-SAW434L Datasheet
124Kb / 1P
   433 MHz ASK transmitter for high range voltage supply application
15.10.2016 - Rev A
logo
Transko Electronics, In...
TX-SB TRANSKO-TX-SB Datasheet
305Kb / 1P
   TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023
More results

Similar Description - TX-S

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
logo
SHINMEI ELECTRIC CO., L...
RSE SHINMEI-RSE Datasheet
87Kb / 3P
   Ultra small size, High sensitive (50mW,150mW), Single pole relay
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com