Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6500 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA6500
Description  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6500 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA6500 Datasheet HTML 19Page - NXP Semiconductors TDA6500 Datasheet HTML 20Page - NXP Semiconductors TDA6500 Datasheet HTML 21Page - NXP Semiconductors TDA6500 Datasheet HTML 22Page - NXP Semiconductors TDA6500 Datasheet HTML 23Page - NXP Semiconductors TDA6500 Datasheet HTML 24Page - NXP Semiconductors TDA6500 Datasheet HTML 25Page - NXP Semiconductors TDA6500 Datasheet HTML 26Page - NXP Semiconductors TDA6500 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
9397 750 15057
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 14 June 2005
23 of 37
Philips Semiconductors
TDA6500; TDA6501
5 V mixer/oscillator and synthesizer for PAL and NTSC standards
12. Application information
12.1 Tuning amplifier
The tuning amplifier is capable of driving the varicap voltage without an external transistor.
The tuning voltage output must be connected to an external load of 27 k
Ω which is
connected to the tuning voltage supply rail. The loop filter design depends on the oscillator
characteristics and the selected reference frequency.
12.2 Crystal oscillator
The crystal oscillator uses a 4 MHz crystal connected in series with an 18 pF capacitor
thereby operating in the series resonance mode. Connecting the crystal to the ground is
preferred, but it can also be connected to the supply voltage.
12.3 Examples of I2C-bus control
Conditions:
fosc = 100 MHz
P0 = on (to switch on low band)
P3=on
ICP = 280 µA
fstep = 62.5 kHz
N=1600
fXTAL = 4 MHz
IAGC = 245 nA
AGC take-over point = set to 112 dB
µV asymmetrical
12.3.1 Write sequence
Table 24 to 29 show various write sequences where:
S=START
A = acknowledge
P=STOP
For the complete sequence see Table 24 (sequence 1) or Table 25 (sequence 2).
Other I2C-bus addresses may be selected by applying an appropriate voltage to pin AS.
Table 24:
Complete sequence 1
Start
Address
byte
Divider
byte 1
Divider
byte 2
Control
byte
Band switch
byte
Control
byte
Auxiliary
byte
Stop
S
C2
A
06
A
40
A
CE
A
09
A
DE
A
20
A
P
Table 25:
Complete sequence 2
Start
Address
byte
Control
byte
Auxiliary
byte
Control
byte
Band switch
byte
Divider
byte 1
Divider
byte 2
Stop
S
C2
A
DE
A
20
A
CE
A
09
A
06
A
40
A
P


Similar Part No. - TDA6500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Similar Description - TDA6500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com