Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V802D Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MR27V802D
Description  524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR27V802D Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
¡
The MR27V802D is a 8Mbit electrically Programmable Read-Only Memory whose configuration can
be electrically switched between 524,288 word x 16bit and 1,048,576 word x 8bit. The MR27V802D
operates on a single +3V-3.3V power supply and is TTL compatible. Since the MR27V802D
operates asynchronously , external clocks are not required , making this device easy-to-use. The
MR27V802D is suitable as large-capacity fixed memory for microcomputers and data terminals. It is
manufactured using a CMOS double silicon gate technology and is offered in 42-pin DIP, 44-pin
SOP or 44-pin TSOP packages.
1A
MR27V802D
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
DESCRIPTION
FEATURES
• 524,288 word x 16bit / 1,048,576 word x 8bit electrically switchable configuration
• Single +3V-3.3V power supply
• Access time
100ns access time (Vcc=+3V)
80ns access time (Vcc=+3.3V)
• Input / Output TTL compatible
• Three-state output
• Packages
42-pin plastic DIP (DIP42-P-600-2.54)
(Product name : MR27V802DRA)
44-pin plastic SOP (SOP44-P-600-1.27-K)
(Product name : MR27V802DMA)
44-pin plastic TSOP (TSOP II 44-P-400-0.80-K) (Product name : MR27V802DTP)
Semiconductor
November 1999


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn