Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V802D Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MR27V802D
Description  524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V802D Datasheet(HTML) 2 Page - OKI electronic componets

  MR27V802D Datasheet HTML 1Page - OKI electronic componets MR27V802D Datasheet HTML 2Page - OKI electronic componets MR27V802D Datasheet HTML 3Page - OKI electronic componets MR27V802D Datasheet HTML 4Page - OKI electronic componets MR27V802D Datasheet HTML 5Page - OKI electronic componets MR27V802D Datasheet HTML 6Page - OKI electronic componets MR27V802D Datasheet HTML 7Page - OKI electronic componets MR27V802D Datasheet HTML 8Page - OKI electronic componets MR27V802D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
PIN NAMES
FUNCTIONS
D15/A-1
Data output / Address input
A0-A18
Address input
D0-D14
Data output
CE
OE
Output enable
VCC
Power supply voltage
BYTE/VPP
Mode switch / Program power supply voltage
NC
Non connection
PIN CONFIGURATION (TOP VIEW)
Chip enable
VSS
GND
MR27V802D
D15/A-1
BYTE/Vpp
A18
A8
A9
A11
A12
A13
A14
A15
A16
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
A10
42
41
40
2
3
4
5
39
38
37
36
6
7
8
9
35
34
33
32
10
11
12
13
31
30
29
28
14
15
16
17
27
26
25
24
18
19
20
21
23
22
NC
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
D0
D8
D1
D9
D2
D10
D3
D11
1
BYTE/Vpp
44-pin TSOP (II)
44-pin SOP
42-pin DIP
43
A18
A8
A9
A11
A12
A13
A14
A15
A16
VSS
D7
D14
D6
D13
D5
D12
D4
VCC
A10
42
41
40
2
3
4
5
39
38
37
36
6
7
8
9
35
34
33
32
10
11
12
13
31
30
29
28
14
15
16
17
27
26
25
24
18
19
20
21
23
22
NC
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
D0
D8
D1
D9
D2
D10
D3
D11
44
NC 1
NC
43
A18
A8
A9
A11
A12
A13
A14
A15
A16
VSS
D7
D14
D6
D13
D5
D12
D4
VCC
A10
42
41
40
2
3
4
5
39
38
37
36
6
7
8
9
35
34
33
32
10
11
12
13
31
30
29
28
14
15
16
17
27
26
25
24
18
19
20
21
23
22
NC
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
D0
D8
D1
D9
D2
D10
D3
D11
44
NC 1
NC
D15/A-1
BYTE/Vpp


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn