Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC180AN Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180AN
Description  LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC180AN Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LBC180AN Datasheet HTML 2Page - Texas Instruments SN65LBC180AN Datasheet HTML 3Page - Texas Instruments SN65LBC180AN Datasheet HTML 4Page - Texas Instruments SN65LBC180AN Datasheet HTML 5Page - Texas Instruments SN65LBC180AN Datasheet HTML 6Page - Texas Instruments SN65LBC180AN Datasheet HTML 7Page - Texas Instruments SN65LBC180AN Datasheet HTML 8Page - Texas Instruments SN65LBC180AN Datasheet HTML 9Page - Texas Instruments SN65LBC180AN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN65LBC180A, SN75LBC180A
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS378C − MAY 2000 − REVISED JUNE 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold
voltage
IO = − 8 mA
0.2
V
VIT −
Negative-going input threshold
voltage
IO = 8 mA
− 0.2
V
Vhys
Hysteresis voltage ( VIT + − VIT −)
50
mV
VIK
Enable-input clamp voltage
II = − 18 mA
− 1.5
− 0.8
V
VOH
High-level output voltage
VID = 200 mV,
IOH = − 8 mA
4
4.9
V
VOL
Low-level output voltage
VID = − 200 mV, IOL = 8 mA
0.1
0.8
V
IOZ
High-impedance-state output
current
VO = 0 V to VCC
−1
1
µA
IIH
High-level enable-input current
VIH = 2.4 V
− 100
µA
IIL
Low-level enable-input current
VIL = 0.4 V
− 100
µA
VI = 12 V,
VCC = 5 V
0.4
1
II
Bus input current
VI = 12 V,
VCC = 0 V
Other input at 0 V
0.5
1
mA
II
Bus input current
VI = − 7 V,
VCC = 5 V
Other input at 0 V
− 0.8
− 0.4
mA
VI = − 7 V,
VCC = 0 V
− 0.8
− 0.3
VI = 0 or VCC,
Receiver enabled and driver disabled
4.5
7.5
ICC
Supply current
VI = 0 or VCC,
No load
Receiver disabled and driver disabled
0.5
1
mA
ICC
Supply current
No load
Receiver enabled and driver enabled
8.5
15
mA
† All typical values are at VCC = 5 V and TA = 25°C.
receiver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
7
13
20
ns
tPHL
Propagation delay time, high- to low-level output
VID = −1.5 V to 1.5 V,
See Figure 7
7
13
20
ns
tsk(p)
Pulse skew (
 tPHL − tPLH)
VID = −1.5 V to 1.5 V,
See Figure 7
0.5
1.5
ns
tr
Output signal rise time
See Figure 7
2.1
3.3
ns
tf
Output signal fall time
See Figure 7
2.1
3.3
ns
tPZH
Output enable time to high level
30
45
ns
tPZL
Output enable time to low level
CL = 10 pF,
See Figure 8
30
45
ns
tPHZ
Output disable time from high level
CL = 10 pF,
See Figure 8
20
40
ns
tPLZ
Output disable time from low level
20
40
ns


Similar Part No. - SN65LBC180AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180AN TI1-SN65LBC180AN Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com