Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV8130AD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV8130AD
Description  ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130AD Datasheet(HTML) 5 Page - STMicroelectronics

  STV8130AD Datasheet HTML 1Page - STMicroelectronics STV8130AD Datasheet HTML 2Page - STMicroelectronics STV8130AD Datasheet HTML 3Page - STMicroelectronics STV8130AD Datasheet HTML 4Page - STMicroelectronics STV8130AD Datasheet HTML 5Page - STMicroelectronics STV8130AD Datasheet HTML 6Page - STMicroelectronics STV8130AD Datasheet HTML 7Page - STMicroelectronics STV8130AD Datasheet HTML 8Page - STMicroelectronics STV8130AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
STV8130AD
ELECTRICAL CHARACTERISTICS
IQ
Quiescent Current
IOUT1 = 10 mA, OUTPUT2
Disabled
2mA
VO1RST
Reset Threshold Voltage1
K = VOUT1, IOUT1 ≥ 50 mA
K - 0.4
K - 0.25
K - 0.1
V
VRTH
Reset Threshold Hysteresis
See circuit description.
20
50
75
mV
tRD
Reset Pulse Delay
Ce = 100 nF
See circuit description.
25
ms
VRL
Saturation Voltage in Reset Condition IRESET = 5 mA
0.4
V
IRH
Leakage Current in Normal Condition
VRESET = 10 V
10
µA
KOUT1, 2
Output Voltage Thermal Drift
TJ = 0 to + 125°C
100
ppm/°C
IOUT1,2SC Short Circuit Output Current
VIN1 = 7 V, VIN2 = 10 V
VIN1,2 = 16 V
2
1.6
1.0
A
VDISH
Disable Voltage when pin DISABLE is High (OUTPUT2 active)
2
V
VDISL
Disable Voltage when pin DISABLE is Low (OUTPUT2 disabled)
0.8
V
IDIS
Disable Bias Current
0V < VDIS < 7 V
-100
2
µA
VREF
Reference Voltage at PROGRAM Pin
2.44
V
TJSD
Junction Temperature for Thermal Shutdown
145
°C
1. This reset signal is activated by a decrease of VOUT1 voltage which can be due to an overload of pin OUT1
or by a lack of Input Voltage (VIN1).
2. The output short-circuit currents are tested one channel at time. During a short-circuit, a large consumption
of power occurs, but the thermal protection circuit prevents any excessive temperatures. A safe permanent
short-circuit protection is only guaranteed for input voltages up to 16 V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
K
0
∆V
0
106
∆TV
0
------------------------
=


Similar Part No. - STV8130AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
   3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
June 2000
More results

Similar Description - STV8130AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
   3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
   Double (5.1 V and adjustable) voltage regulator with reset and disable functions
February 2009
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
   5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
September 2003
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
   5.1 V and 8 V dual voltage regulator with disable and reset functions
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
   DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
   5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
   5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
   5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
   3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
June 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com