Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4044 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMH4044
Description  Compact PCI Hot-Swap Controller With IPMI Support
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4044 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMH4044 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4044 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4044 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4044 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4044 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4044 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4044 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4044 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4044 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
SMH4044
2057 1.x 8/16/01
SUMMIT MICROELECTRONICS, Inc.
Preliminary
Table 1. Card Insertion Timing
Figure 1. Card Insertion Timing Diagram
2057 Table01
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
D
P
T
V
V
P
I
R
T
y
a
l
e
d
n
w
o
d
r
e
w
o
p
o
t1
5
s
µ
t
R
T
V
V
P
I
R
T
y
a
l
e
d
t
u
p
t
u
o
t
e
s
e
r
o
t1
5
s
µ
t
R
P
L
R
P
#
T
S
R
_
I
C
P
_
L
A
C
O
L
o
t
#
T
S
R
_
I
C
P
1
.
01
s
µ
t
W
E
L
S
e
t
a
r
w
e
l
S
0
5
2s
/
V
t
E
S
H
y
a
l
e
d
n
o
r
e
w
o
p
o
t
#
L
E
S
_
D
B
n
o
i
t
a
r
u
g
i
f
n
o
c
s
m
5
20
25
20
3s
m
n
o
i
t
a
r
u
g
i
f
n
o
c
s
m
0
50
40
50
6s
m
n
o
i
t
a
r
u
g
i
f
n
o
c
s
m
0
0
10
80
0
10
2
1s
m
n
o
i
t
a
r
u
g
i
f
n
o
c
s
m
0
0
20
6
10
0
20
4
2s
m
t
T
S
R
U
P
h
t
d
i
w
e
s
l
u
p
T
E
S
E
R
n
o
i
t
a
r
u
g
i
f
n
o
c
s
m
5
20
25
20
3s
m
n
o
i
t
a
r
u
g
i
f
n
o
c
s
m
0
50
40
50
6s
m
n
o
i
t
a
r
u
g
i
f
n
o
c
s
m
0
0
10
80
0
10
2
1s
m
n
o
i
t
a
r
u
g
i
f
n
o
c
s
m
0
0
20
6
10
0
20
4
2s
m
t
D
W
n
o
i
t
a
r
u
d
r
e
m
i
t
g
o
d
h
c
t
a
W
n
o
i
t
a
r
u
g
i
f
n
o
c
s
8
.
04
6
.
08
.
06
9
.
0s
n
o
i
t
a
r
u
g
i
f
n
o
c
s
6
.
18
2
.
16
.
12
9
.
1s
n
o
i
t
a
r
u
g
i
f
n
o
c
s
2
.
36
5
.
22
.
34
8
.
3s
t
H
C
T
I
L
G
h
t
d
i
w
e
s
l
u
p
n
o
i
t
c
e
j
e
r
h
c
t
il
G
0
4s
n
t
F
C
O
t
u
p
t
u
o
#
T
L
U
A
F
o
t
t
n
e
r
r
u
c
r
e
v
O
1s
µ
t
G
V
C
O
f
f
o
e
t
a
g
o
t
t
n
e
r
r
u
c
r
e
v
O
1s
µ
t
C
T
B
C
t
n
a
t
s
n
o
c
e
m
i
t
r
e
k
a
e
r
b
t
i
u
c
r
i
Cg
n
i
t
a
r
e
p
O6
1s
µ
VCC &
HST_3V_MON
LOCAL_PCI_RST#
BD_SEL1# &
BD_SEL2#
VGATE3 &
VGATE5
DRVREN#
CARD_3V_MON &
CARD_5V_MON
HEALTHY#
VRVALID
VTRIP
VTRIP
tHSE
tSLEW
VOHVG
tPURST
SGNL_VLD#
2057 Fig01


Similar Part No. - SMH4044

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

Similar Description - SMH4044

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
logo
Linear Technology
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A Datasheet
252Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com