Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3252D Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MR27V3252D
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3252D Datasheet(HTML) 1 Page - OKI electronic componets

  MR27V3252D Datasheet HTML 1Page - OKI electronic componets MR27V3252D Datasheet HTML 2Page - OKI electronic componets MR27V3252D Datasheet HTML 3Page - OKI electronic componets MR27V3252D Datasheet HTML 4Page - OKI electronic componets MR27V3252D Datasheet HTML 5Page - OKI electronic componets MR27V3252D Datasheet HTML 6Page - OKI electronic componets MR27V3252D Datasheet HTML 7Page - OKI electronic componets MR27V3252D Datasheet HTML 8Page - OKI electronic componets MR27V3252D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
¡
The MR27V3252D is a 32Mbit electrically Programmable Read-Only Memory with page mode. Its
configuration can be electrically switched between 2,097,152 word x 16bit and 4,194,304 word x 8
bit. The MR27V3252D operates on a single +3.3V power supply and is TTL compatible. The MR27
V3252D provides Page mode which can greatly reduce the read access time. Since the MR27V3252
D operates asynchronously , external clocks are not required , making this device easy-to-use. The
MR27V3252D is suitable as large-capacity fixed memory for microcomputers and data terminals. It
is manufactured using a CMOS double silicon gate technology and is offered in 44-pin SOP or 48-
pin TSOP packages.
1A
MR27V3252D
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit
8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
DESCRIPTION
FEATURES
• 2,097,152 word x 16bit / 4,194,304 word x 8bit electrically switchable configuration
• Single +3.3V power supply
• Access time 100ns
Page mode access time 30ns
• Input / Output TTL compatible
• Three-state output
• Packages
44-pin plastic SOP (SOP44-P-600-1.27-K)
(Product name : MR27V3252DMA)
48-pin plastic TSOP (TSOP II 48-P-550-0.80-K) (Product name : MR27V3252DTA)
Semiconductor
November 1999


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM27C3252CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V6452D4 194 304-Word x 16-Bit or 8 388 608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3202D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3202CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3202E2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn