Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3252D Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MR27V3252D
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3252D Datasheet(HTML) 5 Page - OKI electronic componets

  MR27V3252D Datasheet HTML 1Page - OKI electronic componets MR27V3252D Datasheet HTML 2Page - OKI electronic componets MR27V3252D Datasheet HTML 3Page - OKI electronic componets MR27V3252D Datasheet HTML 4Page - OKI electronic componets MR27V3252D Datasheet HTML 5Page - OKI electronic componets MR27V3252D Datasheet HTML 6Page - OKI electronic componets MR27V3252D Datasheet HTML 7Page - OKI electronic componets MR27V3252D Datasheet HTML 8Page - OKI electronic componets MR27V3252D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Output
0.4
-
5/10
ELECTRICAL CHARACTERISTICS (Read operation)
DC Characteristics
Input leakage current
Output leakage current
VCC power supply current
(Standby)
VCC power supply current
(Read)
VPP power supply current
Parameter
Symbol
Unit
Condition
(VCC=3.3V±0.3V, Ta=0 to 70°C)
Input "H" level
Input "L" level
Output "H" level
Output "L" level
Voltage is relative to Vss
10
Typ.
-
Min.
Max.
ILO
ICS1
ICS2
ICCA
µA
-
10
-
µA
-
50
-
µA
-
CE=VCC
1
-
CE=VIH
100
-mA
tc=100ns
-
-
IPP
VIH
VIL
VOH
VOL
10
µA
VPP=VCC
VCC+0.5*
2.2
V
-
0.6
-0.5**
V
-
-
2.4
V
IOH=-400µA
-
V
IOL=2.1mA
-
-
-
CE=VIL , OE=VIH
VI=0 to Vcc
VO=0 to Vcc
MR27V3252D
mA
-
800ohms
100pF
2.08V
AC Characteristics
Address access time
Parameter
Symbol
TACC
Unit
Condition
(VCC=3.3V±0.3V, Ta=0 to 70°C)
Min.
Max.
ns
CE=OE=VIL
100
Address access cycle time
TC
100
ns
-
-
0V/3V
0.8V/2.0V
100pF
0.8V/2.0V
Measurement conditions
Input signal level
Input timing reference level
Output load
Output timing reference level
-
ns
CE access time
OE access time
Output disable time
-
TCE
-
OE=VIL
40
-
ns
CE=VIL
30
0
ns
OE=VIL
25
0
ns
-
0
TOE
TOH
CE=VIL
CE=OE=VIL
Output hold time
100
TCHZ
TOHZ
30
-
30
ns
ns
ns
Page access cycle time
Page access time
TPC
TPAC
-
-
ILI
* : Vcc+1.5V (Max.) when pulse width of overshoot is less than 10nS.
** : -1.5V (Min.) when pulse width of undershoot is less than 10nS.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM27C3252CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V6452D4 194 304-Word x 16-Bit or 8 388 608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3202D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3202CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3202E2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn