Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202E Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MR27V3202E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202E Datasheet(HTML) 1 Page - OKI electronic componets

  MR27V3202E Datasheet HTML 1Page - OKI electronic componets MR27V3202E Datasheet HTML 2Page - OKI electronic componets MR27V3202E Datasheet HTML 3Page - OKI electronic componets MR27V3202E Datasheet HTML 4Page - OKI electronic componets MR27V3202E Datasheet HTML 5Page - OKI electronic componets MR27V3202E Datasheet HTML 6Page - OKI electronic componets MR27V3202E Datasheet HTML 7Page - OKI electronic componets MR27V3202E Datasheet HTML 8Page - OKI electronic componets MR27V3202E Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PEDR27V3202E-01-01
1Semiconductor
This version
: Dec. 1999
Previous version: ----------
MR27V3202E
Preliminary
2,097,152–Word
×××× 16–Bit or 4,194,304–Word ×××× 8–Bit One Time PROM
1/10
GENERAL DESCRIPTION
The MR27V3202E is a 32 Mbit electrically Programmable Read-Only Memory that can be electrically switched
between 2,097,152-word
× 16-bit and 4,194,304-word × 8-bit configurations. This device operates on a single
+3.3V power supply, and all inputs and outputs are TTL compatible. Because of its asynchronous operation, it
requires no external clocks, making this device easy-to-use.
The MR27V3202E is suitable as large-capacity fixed memory for microcomputers and data terminals. It is
manufactured using a CMOS double silicon gate technology and is offered in 44-pin SOP or 44-pin TSOP(II)
packages.
FEATURES
∙ 2097,152-word
× 16-bit/4,194,304-word × 8-bit electrically switchable configuration
∙ +3.3 V power supply
∙ Access time
90 ns MAX
∙ Operating current
50 mA MAX
∙ Standby current
50 µA MAX
∙ Input/Output TTL compatible
∙ Three-state output
∙ Packages:
44-pin plastic SOP (SOP44-P-600-1.27-K)
(Product Name : MR27V3202EMA)
44-pin plastic TSOP (TSOP II 44-P-400-0.80-K) (Product Name : MR27V3202ETP)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn