Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202E Datasheet(PDF) 9 Page - OKI electronic componets

Part No. MR27V3202E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR27V3202E Datasheet(HTML) 9 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PEDR27V3202E-01-01
1Semiconductor
MR27V3202E
9/10
Program and Program Verify Cycle Waveforms
Pin Capacitance
(V
CC = 3.3 V, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input
C
IN1
——
8
BYTE/V
PP
C
IN2
V
I = 0 V
120
Output
C
OUT
V
O = 0 V
10
pF
t
OHZ
t
DS
t
OE
t
AS
A0 to A20
CE
OE
D0 to D15
t
AHO
t
PW
Dout
BYTE/Vpp
t
DH
Din
t
OES
t
OHZ
9.75 V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn