Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202E Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MR27V3202E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202E Datasheet(HTML) 5 Page - OKI electronic componets

  MR27V3202E Datasheet HTML 1Page - OKI electronic componets MR27V3202E Datasheet HTML 2Page - OKI electronic componets MR27V3202E Datasheet HTML 3Page - OKI electronic componets MR27V3202E Datasheet HTML 4Page - OKI electronic componets MR27V3202E Datasheet HTML 5Page - OKI electronic componets MR27V3202E Datasheet HTML 6Page - OKI electronic componets MR27V3202E Datasheet HTML 7Page - OKI electronic componets MR27V3202E Datasheet HTML 8Page - OKI electronic componets MR27V3202E Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PEDR27V3202E-01-01
1Semiconductor
MR27V3202E
5/10
ELECTRICAL CHARACTERISTICS
DC Characteristics
(V
CC = 3.3 V ± 0.3 V, Ta = 0 to 70°C)
parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
I
LI
V
I = 0 to VCC
——
10
µA
Output leakage current
I
LO
V
O = 0 to VCC
——
10
µA
I
CCSC
CE = V
CC
——
50
µA
V
CC power supply current
(Standby)
I
CCST
CE = V
IH
——
1
m
Α
V
CC power supply current
(Read)
I
CCA
CE = V
IL, OE = VIH
tc = 90 ns
——
50
mA
V
PP power supply current
I
PP
V
PP = VCC
——
10
µA
Input “H” level
V
IH
—2.2
V
CC+0.5∗
V
Input “L” level
V
IL
–0.5
∗∗
—0.6
V
Output “H” level
V
OH
I
OH = –2 mA
2.4
V
Output “L” level
V
OL
I
OL = 4 mA
0.4
V
Voltage is relative to V
SS.
∗ : Vcc+1.5V(Max.) when pulse width of overshoot is less than 10ns.
∗∗ : -1.5V(Min.) when pulse width of undershoot is less than 10ns.
AC Characteristics
(V
CC = 3.3 V ± 0.3 V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Address cycle time
t
C
—90
ns
Address access time
t
ACC
CE = OE = V
IL
—90
ns
CE access time
t
CE
OE = V
IL
—90
ns
OE access time
t
OE
CE = V
IL
—45
ns
t
CHZ
OE = V
IL
030
ns
Output disable time
t
OHZ
CE = V
IL
025
ns
Output hold time
t
OH
CE = OE = V
IL
0—
ns
Measurement conditions
Input signal level -------------------------------- 0 V/3 V
Input timing reference level ------------------ 0.8 V/2.0 V
Output load--------------------------------------- 100 pF
Output timing reference level ---------------- 0.8 V/2.0 V
Output
1.73 V
330
100 pF
(Including scope and jig)


Similar Part No. - MR27V3202E

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FMA OKI-MR27V3202FMA Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FTN OKI-MR27V3202FTN Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FTP OKI-MR27V3202FTP Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
More results

Similar Description - MR27V3202E

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C3252CZ OKI-MSM27C3252CZ Datasheet
90Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MR27V6466F OKI-MR27V6466F Datasheet
416Kb / 39P
   4,194,304-Word x 16Bit or 2,097,152-Word x 32-Bit Synchronous One Time PROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz