Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202E Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MR27V3202E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202E Datasheet(HTML) 3 Page - OKI electronic componets

  MR27V3202E Datasheet HTML 1Page - OKI electronic componets MR27V3202E Datasheet HTML 2Page - OKI electronic componets MR27V3202E Datasheet HTML 3Page - OKI electronic componets MR27V3202E Datasheet HTML 4Page - OKI electronic componets MR27V3202E Datasheet HTML 5Page - OKI electronic componets MR27V3202E Datasheet HTML 6Page - OKI electronic componets MR27V3202E Datasheet HTML 7Page - OKI electronic componets MR27V3202E Datasheet HTML 8Page - OKI electronic componets MR27V3202E Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PEDR27V3202E-01-01
1Semiconductor
MR27V3202E
3/10
BLOCK DIAGRAM
FUNCTION TABLE
Mode
CE
OE
BYTE/V
PP
V
CC
D0 to D7
D8 to D14
D15/A–1
Read (16-Bit)
L
L
H
D
OUT
Read (8-Bit)
L
L
L
D
OUT
Hi–Z
L/H
H
Output disable
L
H
L
Hi–Z
H
Standby
H
L
3.3 V
Hi–Z
Program
L
H
D
IN
Program inhibit
H
H
Hi–Z
Program verify
H
L
9.75 V
4.0 V
D
OUT
∗: Don’t Care (H or L)
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
CE
BYTE/V
PP
OE
CE
PGM
OE
× 8/× 16 Switch
D0
D2
D4
D6
D8
D10
D12
D14
D1
D3
D5
D7
D9
D11
D13
D15
Memory Cell Matrix
2,097,152 × 16-Bit or 4,194,304 × 8-Bit
Multiplexer
Output Buffer
In 8-bit output mode, these pins
are three-stated and pin D15
functions as the A-1 address pin.
A–1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn