Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202D Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MR27V3202D
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202D Datasheet(HTML) 1 Page - OKI electronic componets

  MR27V3202D Datasheet HTML 1Page - OKI electronic componets MR27V3202D Datasheet HTML 2Page - OKI electronic componets MR27V3202D Datasheet HTML 3Page - OKI electronic componets MR27V3202D Datasheet HTML 4Page - OKI electronic componets MR27V3202D Datasheet HTML 5Page - OKI electronic componets MR27V3202D Datasheet HTML 6Page - OKI electronic componets MR27V3202D Datasheet HTML 7Page - OKI electronic componets MR27V3202D Datasheet HTML 8Page - OKI electronic componets MR27V3202D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
¡
The MR27V3202D is a 32Mbit electrically Programmable Read-Only Memory whose configuration
can be electrically switched between 2,097,152 word x 16bit and 4,194,304 word x 8bit. The MR27
V3202D operates on a single +3V-3.3V power supply and is TTL compatible. Since the MR27V3202
D operates asynchronously , external clocks are not required , making this device easy-to-use. The
MR27V3202D is suitable as large-capacity fixed memory for microcomputers and data terminals. It
is manufactured using a CMOS double silicon gate technology and is offered in 44-pin SOP or 48-
pin TSOP packages.
1A
MR27V3202D
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
DESCRIPTION
FEATURES
• 2,097,152 word x 16bit / 4,194,304 word x 8bit electrically switchable configuration
• Single +3V-3.3V power supply
• Access time
120ns access time (Vcc=+3V)
100ns access time (Vcc=+3.3V)
• Input / Output TTL compatible
• Three-state output
• Packages
44-pin plastic SOP (SOP44-P-600-1.27-K)
(Product name : MR27V3202DMA)
48-pin plastic TSOP (TSOP II 48-P-550-0.80-K) (Product name : MR27V3202DTA)
Semiconductor
November 1999


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn