Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202D Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MR27V3202D
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202D Datasheet(HTML) 4 Page - OKI electronic componets

  MR27V3202D Datasheet HTML 1Page - OKI electronic componets MR27V3202D Datasheet HTML 2Page - OKI electronic componets MR27V3202D Datasheet HTML 3Page - OKI electronic componets MR27V3202D Datasheet HTML 4Page - OKI electronic componets MR27V3202D Datasheet HTML 5Page - OKI electronic componets MR27V3202D Datasheet HTML 6Page - OKI electronic componets MR27V3202D Datasheet HTML 7Page - OKI electronic componets MR27V3202D Datasheet HTML 8Page - OKI electronic componets MR27V3202D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
Operating temperature under bias
Storage temperature
Input voltage
Output voltage
Power supply voltage
Program power supply voltage
Power dissipation per package
Parameter
Symbol
Topr
Unit
Value
Condition
RECOMMENDED OPERATING CONDITIONS
VCC power supply voltage
VPP power supply voltage
Input "H" level
Input "L" level
Parameter
Symbol
VCC
Unit
3.6
Typ.
2.7
Condition
Tstg
VI
VO
VCC
VPP
PD
0 to 70
-55 to 125
V
-0.5 to VCC+ 0.5
V
-0.5 to VCC +0.5
V
-0.5 to 5
V
-0.5 to 11.5
W
1.0
-
relative to VSS
(Ta=0 to 70
°C)
Min.
Max.
V
VCC+0.5
-0.5
-
V
VCC+0.5*
2.2
-
V
0.6
-0.5**
-
V
VPP
VIH
VIL
VCC=2.7V-3.6V
Voltage is relative to Vss
ABSOLUTE MAXIMUM RATINGS
-
-
MR27V3202D
°C
°C
* : Vcc+1.5V (Max.) when pulse width of overshoot is less than 10nS.
** : -1.5V (Min.) when pulse width of undershoot is less than 10nS.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn