Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202D Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MR27V3202D
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202D Datasheet(HTML) 3 Page - OKI electronic componets

  MR27V3202D Datasheet HTML 1Page - OKI electronic componets MR27V3202D Datasheet HTML 2Page - OKI electronic componets MR27V3202D Datasheet HTML 3Page - OKI electronic componets MR27V3202D Datasheet HTML 4Page - OKI electronic componets MR27V3202D Datasheet HTML 5Page - OKI electronic componets MR27V3202D Datasheet HTML 6Page - OKI electronic componets MR27V3202D Datasheet HTML 7Page - OKI electronic componets MR27V3202D Datasheet HTML 8Page - OKI electronic componets MR27V3202D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
BLOCK DIAGRAM
D0
CE
BYTE/VPP
OE
CE
PGM
OE
Memory Matrix
Multiplexer
Output Buffer
FUNCTION TABLE
STAND-BY
OUTPUT DISABLE
READ (8-Bit)
READ (16-Bit)
MODE
D15/A-1
CE
OE
VCC
LL
DOUT
L
L
L/H
L
H
L
*
H
*
H
L
*: Don't Care
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
X8/X16 Switch
A-1
In 8-bit output mode, these pins are
three-stated and pin D15 functions
as the A-1 address pin.
3.0V
to
3.3V
D8 - D14
D0 - D7
H
L
DOUT
Hi-Z
H
Hi-Z
*
Hi-Z
PROGRAM
LH
DIN
PROGRAM INHIBIT
H
H
Hi-Z
PROGRAM VERIFY
HL
DOUT
9.75V
4.0V
MR27V3202D
BYTE/VPP
2,097,152X16-Bit or 4,194,304X8-Bit


Similar Part No. - MR27V3202D

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FMA OKI-MR27V3202FMA Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FTN OKI-MR27V3202FTN Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FTP OKI-MR27V3202FTP Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
More results

Similar Description - MR27V3202D

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C3252CZ OKI-MSM27C3252CZ Datasheet
90Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MR27V6466F OKI-MR27V6466F Datasheet
416Kb / 39P
   4,194,304-Word x 16Bit or 2,097,152-Word x 32-Bit Synchronous One Time PROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz