Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ126 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NC7SZ126
Description  TinyLogic UHS Buffer with Three-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NC7SZ126 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NC7SZ126 Datasheet HTML 4Page - ON Semiconductor NC7SZ126 Datasheet HTML 5Page - ON Semiconductor NC7SZ126 Datasheet HTML 6Page - ON Semiconductor NC7SZ126 Datasheet HTML 7Page - ON Semiconductor NC7SZ126 Datasheet HTML 8Page - ON Semiconductor NC7SZ126 Datasheet HTML 9Page - ON Semiconductor NC7SZ126 Datasheet HTML 10Page - ON Semiconductor NC7SZ126 Datasheet HTML 11Page - ON Semiconductor NC7SZ126 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.onsemi.com
10
Physical Dimensions
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
MAC06AREVC
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
C B A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X
Figure 9. 6-
Lead, MicroPak™, 1.0mm Wide
Package drawings are provided as a service to customers considering ON Semiconductor components. Drawings may change
in any manner without notice. Please note the revision and /or date on the drawing and contact a ON Semiconductor
representative to verify or obtain the most recent revision. Package specifications do not expand the terms of ON
Semiconductor
’s worldwide terms and conditions, specifically the warranty therein, which covers ON Semiconductor
products.
Tape and Reel Specifications
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type
Status
L6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7SZ126

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SZ126 ONSEMI-NC7SZ126 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
NC7SZ126FHX ONSEMI-NC7SZ126FHX Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
NC7SZ126FHX-L22175 ONSEMI-NC7SZ126FHX-L22175 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
More results

Similar Description - NC7SZ126

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ126 ONSEMI-NC7SZ126_V01 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
NC7SZ125 ONSEMI-NC7SZ125 Datasheet
540Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SZ125FHX FAIRCHILD-NC7SZ125FHX Datasheet
983Kb / 10P
   TinyLogic UHS Buffer with Three-State Output
logo
ON Semiconductor
NC7SZ125 ONSEMI-NC7SZ125_V01 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125 Datasheet
93Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_05 Datasheet
169Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_10 Datasheet
563Kb / 10P
   TinyLogic짰 UHS Buffer with Three-State Output
logo
ON Semiconductor
NC7SP126 ONSEMI-NC7SP126 Datasheet
619Kb / 14P
   TinyLogic ULP Buffer with Three-State Output
December 2010 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com