Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SZ125 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NC7SZ125
Description  TinyLogic UHS Buffer with Three-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NC7SZ125 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.onsemi.com
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not f unction or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
6.0
V
VIN
DC Input Voltage
-0.5
6.0
V
VOUT
DC Output Voltage
-0.5
6.0
V
IIK
DC Input Diode Current
VIN < -0.5 V
-50
mA
VIN > 6.0 V
+20
IOK
DC Output Diode Current
VOUT < -0.5 V
-50
mA
VOUT > 6 V, VCC=GND
+20
IOUT
DC Output Current
±50
mA
ICC or IGND
DC VCC or Ground Current
±50
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature (Soldering, 10 Seconds)
+260
°C
PD
Pow er Dissipation at +85°C
SOT-23
200
mW
SC70-5
150
MicroPak-6
130
MicroPak2-6
120
ESD
Human Body Model, JESD22-A114
4000
V
Charged Device Model, JESD22-C101
2000
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. ON Semiconductor
does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage Operating
1.65
5.50
V
Supply Voltage Data Retention
1.50
5.50
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
Active State
0
VCC
V
Three-State
0
5.5
TA
Operating Temperature
-40
+85
°C
tr, tf
Input Rise and Fall Times
VCC at 1.8 V, 2.5 V ±0.2 V
0
20
ns/V
VCC at 3.3 V ±0.3 V
0
10
VCC at 5.0 V ±0.5 V
0
5
JA
Thermal Resistance
SOT-23
300
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn